Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCH5-050US Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DCH5-050US
Description  Overload and short circuit protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DCH5-050US Datasheet(HTML) 3 Page - Artesyn Technologies

  DCH5-050US Datasheet HTML 1Page - Artesyn Technologies DCH5-050US Datasheet HTML 2Page - Artesyn Technologies DCH5-050US Datasheet HTML 3Page - Artesyn Technologies DCH5-050US Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DCH5 Series Data Sheet
Mechanical Drawing
DCH5-050UK
1.4”
(35.55)
1.95”
(49.53)
DCH5-050AU
1.4”
(35.55)
1.63”
(41.3)


Similar Part No. - DCH5-050US

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DCH5-050US EMERSON-NETWORKPOWER-DCH5-050US Datasheet
869Kb / 4P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DCH5-050US ARTESYN-DCH5-050US Datasheet
1Mb / 4P
   DCH5 Series 5 Watts
More results

Similar Description - DCH5-050US

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
PHOENIX CONTACT
2701215 PHOENIX-2701215 Datasheet
81Kb / 5P
   Sensor supply with channel-specific integrated short-circuit and overload protection
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
   Short-circuit, surge, and overload-proof output
logo
CUI INC
ETMA-200W-U CUI-ETMA-200W-U Datasheet
685Kb / 5P
   over voltage, overload and short circuit protections
logo
Siemens Semiconductor G...
BTS426L1 SIEMENS-BTS426L1 Datasheet
163Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection)
logo
Infineon Technologies A...
TLE8209-4SA INFINEON-TLE8209-4SA Datasheet
703Kb / 38P
   Short circuit and overtemperature protection
logo
STMicroelectronics
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
   Thermal and short-circuit protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com