Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2T25S4A5G06 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T25S4A5G06
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T25S4A5G06 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T25S4A5G06 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G06 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G06 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G06 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G06 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G06 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G06 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G06 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Series M2
Process Sealed Miniature Toggles
A90
A
www.nkkswitches.com
A5
Actuators
S
.500” (12.7mm) Bat Lever (standard combination
with code 03 straight terminals)
S4 .300” (7.62mm) Bat Lever (standard combinations
with codes 13, 30 & 40 bracketed terminals)
TYPICAL SWITCH ORDERING EXAMPLE
1
S
M2T
SPDT
ON-NONE-ON Circuit
.250” (6.35mm) Bushing
with Double Flat
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
( ) = Momentary
Contact Materials & Ratings
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated
6A @ 125V AC &
0.4VA max @ 28V AC/DC max
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2T12SA5G03
G
.500” (12.7mm)
Bat Lever
Bushing
A5
.250” (6.35mm)
Double Flatted
PC Terminals
03 Straight
13 Straight with
.460” (11.7mm) Bracket
30 .150” (3.81mm) Right Angle
40 .150” (3.81mm) Vertical
05 .390” (9.9mm) Extended PC
06 .728” (18.5mm) Extended PC
07 .945” (24.0mm) Extended PC
Poles
1
SPDT
2
DPDT
Gold Contacts
with 0.4VA Rating
Straight PC Terminals
03
IMPORTANT:
Switches are supplied without UL, cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when ordered with marking on the switch.
Specific models, ratings & ordering instructions are noted on the General
Specifications page.


Similar Part No. - M2T25S4A5G06

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T25S4A5G06 NKK-M2T25S4A5G06 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
More results

Similar Description - M2T25S4A5G06

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com