Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5037630291 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5037630291
Description  1.00mm Pitch Pico-Lock Surface Mount Header, Right Angle, 1.50mm Height
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5037630291 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5037630291 Datasheet HTML 1Page - Molex Electronics Ltd. 5037630291 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/23/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5037630291
Status:
Active
Overview:
Pico-Lock™ Connector System
Description:
1.00mm Pitch Pico-Lock™ Surface Mount Header, Right Angle, 1.50mm Height,
Positive Side Locks, 2 Circuits
Documents:
3D Model
Application Specification AS-503764-002-001 (PDF)
Drawing (PDF)
Packaging Specification SPK-503763-001-001 (PDF)
Product Specification PS-503764-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-503764-001-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
503763
Application
Wire-to-Board
Overview
Pico-Lock™ Connector System
Product Name
Pico-Lock™
UPC
887191579337
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
SC-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
N/A
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Resin
High Temperature Thermoplastic
Net Weight
47.560/mg
Number of Rows
1
Orientation
Right Angle
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.00mm
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
150V
Material Info
Reference - Drawing Numbers
Application Specification
AS-503764-001-001, AS-503764-002-001
Packaging Specification
SPK-503763-001-001
Product Specification
PS-503764-001-001
Sales Drawing
SD-503763-001, SD-503763-002, SD-503764-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
503763 Series
Mates With
503764 Pico-Lock™ Crimp Housing


Similar Part No. - 5037630291

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5037630291 MOLEX-5037630291 Datasheet
334Kb / 4P
   PICO-LOCK1.0 HDRASSY SINGLE-ROW R/A
REVISION B
More results

Similar Description - 5037630291

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5037630491 MOLEX1-5037630491 Datasheet
36Kb / 2P
   1.00mm Pitch Pico-Lock Surface Mount Header, Right Angle, 1.50mm Height,
5040500691 MOLEX1-5040500691 Datasheet
33Kb / 2P
   1.50mm Pitch Pico-Lock Surface Mount Wire-to-Board Header, Right Angle
5040500791 MOLEX1-5040500791 Datasheet
33Kb / 2P
   1.50mm Pitch Pico-Lock Surface Mount Wire-to-Board Header, Right Angle
5040501091 MOLEX1-5040501091 Datasheet
33Kb / 2P
   1.50mm Pitch Pico-Lock Surface Mount Wire-to-Board Header, Right Angle
5040500591 MOLEX1-5040500591 Datasheet
33Kb / 2P
   1.50mm Pitch Pico-Lock Surface Mount Wire-to-Board Header, Right Angle
5040500891 MOLEX1-5040500891 Datasheet
33Kb / 2P
   1.50mm Pitch Pico-Lock Surface Mount Wire-to-Board Header, Right Angle
5040500491 MOLEX1-5040500491 Datasheet
33Kb / 2P
   1.50mm Pitch Pico-Lock Surface Mount Wire-to-Board Header, Right Angle
5040501291 MOLEX1-5040501291 Datasheet
33Kb / 2P
   1.50mm Pitch Pico-Lock Surface Mount Wire-to-Board Header, Right Angle, 2.00mm
5037640401 MOLEX1-5037640401 Datasheet
39Kb / 1P
   1.00mm Pitch Pico-Lock Crimp Housing, 1.50mm Mated Height, Positive Side Locks
5015681507 MOLEX11-5015681507 Datasheet
249Kb / 5P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row, Right Angle, with Positive Lock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com