Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA5-050US-W Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DA5-050US-W
Description  High average loading efficiency 76%
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA5-050US-W Datasheet(HTML) 1 Page - Artesyn Technologies

  DA5-050US-W Datasheet HTML 1Page - Artesyn Technologies DA5-050US-W Datasheet HTML 2Page - Artesyn Technologies DA5-050US-W Datasheet HTML 3Page - Artesyn Technologies DA5-050US-W Datasheet HTML 4Page - Artesyn Technologies DA5-050US-W Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER
DA5-050 Series
5 Watts
Total Power: 5 Watts
Input Voltage: 100 - 240 Vac
# of Outputs: Single
SPECIAL FEATURES
ƒ
Small size 44 x 39.5 x 25 mm
excluding AC pins
ƒ
High average loading efficiency 76%
ƒ
USB connector output
ƒ
-10 ºC to +40 ºC operating
temperature range
ƒ
Protections: overvoltage,
overtemperature, overcurrent,
short circuit
ƒ
Reinforced isolation 3000 Vac rms
ƒ
European CoC v5 T2 & US DoE VI
Compliant
ƒ
EN60950-1 Safety Standard
ƒ
One year warranty
SAFETY
ƒ
cUL/UL 60950-1
ƒ
IEC/EN 60950-1
ƒ
CCC
ƒ
CE
ƒ
GS
ƒ
Designed to meet:
• NOM-NYCE
• SPRING
• IRAM
• C-Tick
• NSW
Electrical Specifications
Input
Input voltage range
90 - 264 Vac (100 - 240 Vac nominal)
Frequency
47 - 63 Hz (50 / 60 Hz nominal)
Input current (max)
200 mA
Leakage currrent
80 µA
No load power
<75 mW
Output
Maximum power
5 W
Output voltage
5 V
Hold-up time
10 ms typical 115 Vac at full load
Data Sheet
Environmental Specifications
Operating temperature
-10 °C to +40 °C
Storage temperature
-40 °C to +85 °C
Electromagnetic susceptibility
EM55022, FCC Part 15
Humidity
Non-condensing 5% to 95% RH
MTBF
>100,000 hours at full load and 25 °C ambient


Similar Part No. - DA5-050US-W

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA5-050US-B ARTESYN-DA5-050US-B Datasheet
700Kb / 5P
   DA5-050 Series 5 Watts
DA5-050US-B/-W ARTESYN-DA5-050US-B/-W Datasheet
700Kb / 5P
   DA5-050 Series 5 Watts
More results

Similar Description - DA5-050US-W

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA10-050 ARTESYN-DA10-050 Datasheet
717Kb / 5P
   High average loading efficiency 79%
logo
FCI connector
BSC201843791 FCI-CONNECTOR-BSC201843791 Datasheet
143Kb / 1P
   LOADING PATTERN OVERVIEW
BSC201843566 FCI-CONNECTOR-BSC201843566 Datasheet
143Kb / 1P
   LOADING PATTERN OVERVIEW
logo
Samsung semiconductor
KA8330 SAMSUNG-KA8330 Datasheet
64Kb / 7P
   LOADING MOTOR DRIVER
logo
Richtek Technology Corp...
RT6010 RICHTEK-RT6010 Datasheet
211Kb / 13P
   Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
logo
FCI connector
HM2P08PD5111N9LF FCI-CONNECTOR-HM2P08PD5111N9LF Datasheet
146Kb / 1P
   LOADING PATTERN OVERVIEW
logo
Maxim Integrated Produc...
MAX77278EVKIT MAXIM-MAX77278EVKIT Datasheet
4Mb / 18P
   Emulates System Loading
319-100223; Rev 0; 7/18
logo
FCI connector
BSC201843180 FCI-CONNECTOR-BSC201843180 Datasheet
150Kb / 1P
   LOADING PATTERN OVERVIEW
logo
Feature Integration Tec...
F75133 FINTEK-F75133 Datasheet
745Kb / 24P
   LOADING GAUGE IC
logo
Maxim Integrated Produc...
MAX77756EVKIT MAXIM-MAX77756EVKIT Datasheet
12Mb / 21P
   Emulates System Loading
Rev 0; 1/17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com