Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA10-050 Datasheet(PDF) 5 Page - Artesyn Technologies

Part # DA10-050
Description  High average loading efficiency 79%
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA10-050 Datasheet(HTML) 5 Page - Artesyn Technologies

  DA10-050 Datasheet HTML 1Page - Artesyn Technologies DA10-050 Datasheet HTML 2Page - Artesyn Technologies DA10-050 Datasheet HTML 3Page - Artesyn Technologies DA10-050 Datasheet HTML 4Page - Artesyn Technologies DA10-050 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DA10 Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal
www.artesyn.com
DA10 Series-DS 19Jan2016
49.0
Mechanical Drawings - DA10-050UK
Note: All dimensions in mm.


Similar Part No. - DA10-050

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DA100 CANDD-DA100 Datasheet
141Kb / 2P
   Transformers for Digital Audio Data Transmission
logo
Murata Power Solutions ...
DA100 MURATA-PS-DA100 Datasheet
381Kb / 4P
   Transformers for Digital Audio Data Transmission
2023
logo
Marktech Corporate
DA1000 MARKTECH-DA1000 Datasheet
462Kb / 5P
   LEDs
DA1000 MARKTECH-DA1000_15 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
logo
Murata Power Solutions ...
DA100J MURATA-PS-DA100J Datasheet
121Kb / 3P
   SM Transformers for Digital Audio Data Transmission
More results

Similar Description - DA10-050

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA5-050 ARTESYN-DA5-050 Datasheet
700Kb / 5P
   High average loading efficiency 76%
logo
FCI connector
BSC201843791 FCI-CONNECTOR-BSC201843791 Datasheet
143Kb / 1P
   LOADING PATTERN OVERVIEW
BSC201843566 FCI-CONNECTOR-BSC201843566 Datasheet
143Kb / 1P
   LOADING PATTERN OVERVIEW
logo
Samsung semiconductor
KA8330 SAMSUNG-KA8330 Datasheet
64Kb / 7P
   LOADING MOTOR DRIVER
logo
Protek Devices
GBLCSC08CLC PROTEC-GBLCSC08CLC_15 Datasheet
466Kb / 6P
   SC-79 PACKAGE
logo
Richtek Technology Corp...
RT6010 RICHTEK-RT6010 Datasheet
211Kb / 13P
   Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
logo
FCI connector
HM2P08PD5111N9LF FCI-CONNECTOR-HM2P08PD5111N9LF Datasheet
146Kb / 1P
   LOADING PATTERN OVERVIEW
logo
Maxim Integrated Produc...
MAX77278EVKIT MAXIM-MAX77278EVKIT Datasheet
4Mb / 18P
   Emulates System Loading
319-100223; Rev 0; 7/18
logo
Protek Devices
GBLCSC PROTEC-GBLCSC_15 Datasheet
358Kb / 6P
   SC-79 PACKAGE
logo
Glenair, Inc.
240-790-029 GLENAIR-240-790-029 Datasheet
311Kb / 6P
   Series 79 Filtered Plug
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com