Electronic Components Datasheet Search |
|
HFTC-16 Datasheet(PDF) 1 Page - Mini-Circuits |
|
HFTC-16 Datasheet(HTML) 1 Page - Mini-Circuits |
|
1 / 1 page High Pass Filter Electrical Specifications (TAMB=25°C) Maximum Ratings Pin Connections Features Operating Temperature -55°C to 100°C Storage Temperature -55°C to 125°C • miniature size, 0.15"X0.15"X.028" • low profile, .028" height • low pass band insertion loss, 1.0 dB typ. • high power handling, 14W VSWR 1 10 100 1000 0 1000 2000 3000 4000 5000 6000 7000 8000 9000 FREQUENCY (MHz) HFTC-16 HFTC-16 INSERTION LOSS 0 1 10 100 1000 0 1000 2000 3000 4000 5000 6000 7000 8000 9000 FREQUENCY (MHz) 1.00 104.25 384.41 1030.00 44.43 40.06 1300.00 23.10 21.36 1580.00 3.03 1.89 1900.00 1.06 1.12 2900.00 1.18 2.10 4000.00 1.64 2.86 6500.00 0.84 1.29 8000.00 1.84 2.88 9000.00 1.50 1.66 Typical Performance Data at 25°C Frequency (MHz) Insertion Loss (dB) VSWR (:1) Outline Drawing Demo Board MCL P/N: TB-233 Suggested PCB Layout (PL-112) Outline Dimensions ( ) inch mm Outline Drawing Demo Board MCL P/N: TB-233 Suggested PCB Layout (PL-112) Outline Dimensions ( ) inch mm CASE STYLE: FR933 PRICE: $3.75 ea. QTY (10-49) HFTC-16 DC-1030 1300 1580 1900-2700 18 1.3 14 HF2 7 MODEL NO. PASSBAND (MHz) fco, MHz Nom. (loss 3 dB) Typ. VSWR (:1) POWER INPUT* (W) STOP BAND (MHz) (loss >40 dB) (loss >20 dB) Stopband Typ. (loss < 1.3 dB) Passband Typ. * Derate linearly to 6W at 100°C ambient RF IN 2** RF OUT 5** GROUND 1,3,4,6 ** RF IN & RF OUT can be interchanged schematic schematic schematic schematic schematic RF IN RF OUT 3dB B 20dB 40dB co f typical frequency response typical frequency response typical frequency response typical frequency response typical frequency response AB C D E F G .150 .150 .028 — — .035 .028 3.81 3.81 0.71 — — 0.89 0.71 H J K L M N P wt. — .060 .030 .184 .050 .075 .044 grams — 1.52 0.76 4.67 1.27 1.91 1.12 0.15 1900 to 2700 MHz High Pass Filter Ceramic INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010 Mini-Circuits ® ISO 9001 CERTIFIED REV. H M88950 HFTC-16 EDB-020517 AD/YB/CP 030918 HFTC-16 NEW! |
Similar Part No. - HFTC-16 |
|
Similar Description - HFTC-16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |