Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T110C105K050AS0100 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T110C105K050AS0100
Description  T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110C105K050AS0100 Datasheet(HTML) 1 Page - Kemet Corporation

  T110C105K050AS0100 Datasheet HTML 1Page - Kemet Corporation T110C105K050AS0100 Datasheet HTML 2Page - Kemet Corporation T110C105K050AS0100 Datasheet HTML 3Page - Kemet Corporation T110C105K050AS0100 Datasheet HTML 4Page - Kemet Corporation T110C105K050AS0100 Datasheet HTML 5Page - Kemet Corporation T110C105K050AS0100 Datasheet HTML 6Page - Kemet Corporation T110C105K050AS0100 Datasheet HTML 7Page - Kemet Corporation T110C105K050AS0100 Datasheet HTML 8Page - Kemet Corporation T110C105K050AS0100 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2031_T110_AXIAL_T212 • 9/20/2016
1
One world. One KEMET
Benefits
• TapedandreeledperEIASpecificationRS–296
• MarkingperMIL–STD–1285
• QualifiedtoMIL–PRF–39003(CSR13Style)
• Failurerateoptions:Graded–B,C,D,andG
Exponential–M,P,R,andS*
• Capacitancevaluesof0.0047μFto330μF
• Tolerances of ±5%, ±10% and ±20%
• Voltageratingof6–125VDC
• Operatingtemperaturerangeof−55°Cto+125°C
• Casesizes:A,B,C,D
*Failure rates apply to military products only
Overview
TheKEMETstandardhermeticallysealedT110Seriesis
targetedforuseinhighhumidityenvironments.These
capacitorsareruggedlybuilt,designedforminiaturized
circuitry,andareespeciallywell-suitedforcoupling,bypass,
filteringandRCtimingcircuits.TheT110Seriesexhibits
excellentstabilityaswellasextremelylowDCleakage
current,dissipationfactor,andESR/impedanceoverawide
temperatureandfrequencyrange.Availableinstandard
EIAcapacitancevaluesfrom0.0047µFto330µFin±20%,
±10%, and ±5% tolerances, the T110 Series is now offered in
workingvoltagesof6VDCto125VDCandlowESRlimits.
HigherCVvaluesincomparablecasesizesareavailablein
the KEMET T410 Series.
TantalumThrough-HoleCapacitors–HermeticallySealed
T110 Series Axial MIL–PRF–39003 Polar Type and
T212 (CSR13 Style)
Applications
Typicalapplicationsincludecoupling,bypass,filteringandRCtimingcircuitsinminiaturizedcircuitry.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T110C105K050AS0100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110C105K050ASC KEMET-T110C105K050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T110C105K050AS0100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
logo
Vishay Siliconix
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
Glenair, Inc.
181-043-15 GLENAIR-181-043-15 Datasheet
215Kb / 1P
   MIL-PRF-29504/18 Type Terminus
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com