Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR8FM-16LB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR8FM-16LB
Description  800V - 8A - Triac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8FM-16LB Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR8FM-16LB Datasheet HTML 1Page - Renesas Technology Corp BCR8FM-16LB Datasheet HTML 2Page - Renesas Technology Corp BCR8FM-16LB Datasheet HTML 3Page - Renesas Technology Corp BCR8FM-16LB Datasheet HTML 4Page - Renesas Technology Corp BCR8FM-16LB Datasheet HTML 5Page - Renesas Technology Corp BCR8FM-16LB Datasheet HTML 6Page - Renesas Technology Corp BCR8FM-16LB Datasheet HTML 7Page - Renesas Technology Corp BCR8FM-16LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR8FM-16LB
Preliminary
R07DS1325EJ0200 Rev.2.00
Page 7 of 7
Apr 1, 2017
Package Dimensions
MASS (Typ) [g]
1.65
Unit: mm
Previous Code
RENESAS Code
PRSS0003AP-A
TO-220FPA
JEITA Package Code
-
2.7±0.2
10.0±0.3
0.395±0.2
1.14±0.2
0.69±0.15
+0.19
- 0.11
0.60
2.54±0.25
2.54±0.25
0.745±0.2
f 3.2±0.2
Ordering Information
Orderable Part Number
Packing Note
Quantity
Remark
BCR8FM-16LB#BG0
Tube
50 pcs. Straight type
BCR8FM-16LB-#BG0
Tube
50 pcs. :Lead forming type
Note: Please confirm the specification about the shipping in detail.


Similar Part No. - BCR8FM-16LB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR8FM-16LB ISC-BCR8FM-16LB Datasheet
156Kb / 1P
   isc Thyristors
More results

Similar Description - BCR8FM-16LB

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KC8SF80 SHINDENGEN-KC8SF80 Datasheet
1Mb / 7P
   Thyristors 800V, 8A
logo
Unisonic Technologies
UCR8PM UTC-UCR8PM Datasheet
180Kb / 3P
   8A TRIAC
logo
Renesas Technology Corp
BCR16FM-16LH RENESAS-BCR16FM-16LH Datasheet
492Kb / 8P
   800V - 16A - Triac
Oct. 10, 2019
BCR10CM-16LH RENESAS-BCR10CM-16LH Datasheet
501Kb / 9P
   800V - 10A - Triac
Feb. 1, 2019
BCR2PM-14LE RENESAS-BCR2PM-14LE_14 Datasheet
294Kb / 7P
   800V ??2A - Triac
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
   700V - 8A - Triac
logo
Hi-Sincerity Mocroelect...
HST08 HSMC-HST08 Datasheet
130Kb / 4P
   TRIAC 600V,8A
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
   8A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
   600V 8A TRIAC
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
   600V - 8A - Triac
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com