Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR12FM-14LB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR12FM-14LB
Description  700V - 12A - Triac
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR12FM-14LB Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR12FM-14LB_17 Datasheet HTML 1Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 2Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 3Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 4Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 5Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 6Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 7Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 8Page - Renesas Technology Corp BCR12FM-14LB_17 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BCR12FM-14LB
Data Sheet
R07DS1064EJ0300 Rev.3.00
Page 2 of 8
Apr 14, 2017
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
2.0
mA
Tj = 150
C, VDRM applied
On-state voltage
VTM
1.6
V
Tc = 25
C, ITM = 20A,
instantaneous measurement
Gate trigger voltageNote2
VFGT
1.5
V
Tj = 25
C, VD = 6 V, RL = 6 ,
RG = 330

VRGT
1.5
V

VRGT
1.5
V
Gate trigger curentNote2
IFGT
30 Note5
mA
Tj = 25
C, VD = 6 V, RL = 6 ,
RG = 330

IRGT
30 Note5
mA

IRGT
30 Note5
mA
Gate non-trigger voltage
VGD
0.2
V
Tj = 125
C, VD = 1/2 VDRM
0.1
Tj = 150
C, VD = 1/2 VDRM
Thermal resistance
Rth (j-c)
3.3
C/W
Junction to caseNote3
#BB0 (See Ordering Info.)
4.0
C/W
Junction to caseNote3
#BG0, #FG0, #FA0
Critical-rate of rise of off-state
commutation voltageNote4
(dv/dt)c
10
V/
s
Tj = 125
C
1
Tj = 150
C
Notes: 2. Measurement using the gate trigger characteristics measurement circuit.
3. The contact thermal resistance Rth(c-f) in case of greasing is 0.5
C /W.
4. Test conditions of the critical-rate of rise of off-state commutation voltage is shown in the table below.
5. High sensitivity (IGT
20mA) is also available. (IGT item:1)
6. Make sure that your finished product containing this device meets your safe isolation requirements.
For safety, it's advisable that heatsink is electrically floating.
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125°C/150°C
2. Rate of decay of on-state commutating current
(di/dt)c = – 6.0 A/ms
3. Peak off-state voltage
VD = 400 V
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c
Supply Voltage


Similar Part No. - BCR12FM-14LB_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12FM-14LB RENESAS-BCR12FM-14LB_15 Datasheet
125Kb / 8P
   700V - 12A - Triac Medium Power Use
More results

Similar Description - BCR12FM-14LB_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12FM-14LB RENESAS-BCR12FM-14LB Datasheet
133Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LJ RENESAS-BCR12FM-14LJ Datasheet
105Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ_15 Datasheet
110Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ Datasheet
110Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LC RENESAS-BCR12FM-14LC Datasheet
514Kb / 9P
   700V - 12A - Triac Medium Power Use
Feb. 19, 2019
BCR12FM-14LB RENESAS-BCR12FM-14LB_15 Datasheet
125Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LJ RENESAS-BCR12FM-14LJ_15 Datasheet
105Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14RA RENESAS-BCR12FM-14RA Datasheet
468Kb / 7P
   700V - 12A - Triac Medium Power Use
Oct. 10, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com