Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2210R-EL-E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAT2210R-EL-E
Description  Silicon N Channel Power MOSFET with Schottky Barrier Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2210R-EL-E Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HAT2210R-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT2210R-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT2210R-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT2210R-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT2210R-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT2210R-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT2210R-EL-E Datasheet HTML 8Page - Renesas Technology Corp HAT2210R-EL-E Datasheet HTML 9Page - Renesas Technology Corp HAT2210R-EL-E Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HAT2210R
R07DS1368EJ0301 Rev.3.01
Page 6 of 10
Jan 20, 2017
• MOS 2 & Schottky Barrier Diode
4.0
3.0
2.0
1.0
0
50
100
150
200
100
10
1
110
100
20
10
05
10
20
10
0
24
68
10
0.1
1000
VGS = 2.4 V
Tc = 75
°C
25
°C
−25°C
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS
(V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage
VGS
(V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
2.8 V
3.0 V
2.6 V
4.5 V
10 V
0.1
0.01
100
μs
1 ms
PW
=
10
ms
(1shot)
Ta = 25
°C
1 shot Pulse
10
μs
Note
4
DC
Opera
tion
(PW
≤ 10
s)
Operation in
this area is
limited by RDS(on)
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW < 10 s
Note 4 :
When using the glass epoxy board
(FR4 40x40x1.6 mm)
200
150
100
50
0
24
6
812
10
0.1
1
10
10
1
ID = 5 A
2 A
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
Pulse Test
Pulse Test
1 A
100
100
VGS = 4.5 V
10 V


Similar Part No. - HAT2210R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2210R-EL-E RENESAS-HAT2210R-EL-E Datasheet
116Kb / 12P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
More results

Similar Description - HAT2210R-EL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SCH2807 SANYO-SCH2807 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode
logo
Renesas Technology Corp
RJK03L3DNS RENESAS-RJK03L3DNS Datasheet
130Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode
RJK03L2DNS RENESAS-RJK03L2DNS Datasheet
127Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode
logo
NEC
UPA2781GR NEC-UPA2781GR Datasheet
63Kb / 6P
   SWITCHING N-CHANNEL POWER MOSFET/SCHOTTKY BARRIER DIODE
UPA2782GR NEC-UPA2782GR Datasheet
69Kb / 6P
   SWITCHING N-CHANNEL POWER MOSFET/SCHOTTKY BARRIER DIODE
UPA2780GR NEC-UPA2780GR Datasheet
64Kb / 6P
   SWITCHING N-CHANNEL POWER MOSFET/SCHOTTKY BARRIER DIODE
logo
Renesas Technology Corp
RJK03A4DPA RENESAS-RJK03A4DPA Datasheet
248Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0226DNS RENESAS-RJK0226DNS Datasheet
171Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA Datasheet
111Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0240DNS RENESAS-RJK0240DNS Datasheet
228Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
Apr 06, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com