Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GALI-49 Datasheet(PDF) 2 Page - Mini-Circuits

Part # GALI-49
Description  Surface Mount Monolithic Amplifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

GALI-49 Datasheet(HTML) 2 Page - Mini-Circuits

  GALI-49 Datasheet HTML 1Page - Mini-Circuits GALI-49 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
A
B
CDE
F
G
H
.102
.090
.181
.173
.063
.167
.155
.059
2.59
2.29
4.60
4.39
1.60
4.24
3.94
1.50
J
K
L
M
N
P
wt.
.118
.015
.041
.016
.019
.065
grams
3.00
0.38
1.04
0.41
0.48
1.65
.2
Outline Drawing
Suggested Layout for PCB Pattern
Outline Dimensions (
)
inch
inch
inch
inch
inch
mm
mm
mm
mm
mm
Page 2 of 2
R BIAS
"1%" Resistor Values (ohms) for Optimum Biasing of Gali Models
Vcc
Gali-19
Gali-29
Gali-39
Gali-49
Gali-59
7
88.7
88.7
107
34.0
36.5
8
113
113
133
48.7
51.1
9
137
137
162
64.9
64.9
10
162
162
191
80.6
80.6
11
187
187
221
95.3
97.6
12
215
215
249
110
113
13
237
237
280
127
127
14
261
261
309
143
143
15
287
287
340
158
158
16
309
316
365
174
174
17
332
340
392
187
191
18
357
365
422
205
205
19
383
392
453
221
221
20
412
412
475
237
237
Gali
19 • Gali
29 • Gali
39
Gali
49 • Gali
59
Typical Biasing Configuration
4
2
3
1
Cblock
IN
Cblock
Ibias
OUT
Vd
RFC (Optional)
Cbypass
Vcc
Rbias (Required)
Test Board includes case, connectors, and components (in bold)
soldered to PCB


Similar Part No. - GALI-49

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-4 MINI-GALI-4 Datasheet
191Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
   Monolithic Amplifier DC-4 GHz
More results

Similar Description - GALI-49

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LEE-19_29_39_49 MINI-LEE-19_29_39_49_59 Datasheet
144Kb / 2P
   Surface Mount Monolithic Amplifiers
DG03-170A MINI-DG03-170A Datasheet
107Kb / 2P
   MONOLITHIC AMPLIFIERS
K1-PHA MINI-K1-PHA Datasheet
377Kb / 1P
   Monolithic Amplifiers
REV. OR
MERA-533 MINI-MERA-533 Datasheet
200Kb / 5P
   Surface Mount Dual MatchedMMIC Amplifiers
ERA-8SM MINI-ERA-8SM Datasheet
124Kb / 1P
   Surface Mount Monolithic Amplifier
GVA-84++ MINI-GVA-84+ Datasheet
716Kb / 4P
   Surface Mount Monolithic Amplifier
GALI5 MINI-GALI5 Datasheet
133Kb / 4P
   Surface Mount Monolithic Amplifier
logo
Analog Devices
AD595CDZ AD-AD595CDZ Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers
REV. C
logo
Raltron Electronics Cor...
F13 RALTRON-F13 Datasheet
30Kb / 1P
   SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
F10 RALTRON-F10 Datasheet
27Kb / 1P
   SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com