Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASA00CC36-LS Datasheet(PDF) 3 Page - Artesyn Technologies

Part # ASA00CC36-LS
Description  Encapsulated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ASA00CC36-LS Datasheet(HTML) 3 Page - Artesyn Technologies

  ASA00CC36-LS Datasheet HTML 1Page - Artesyn Technologies ASA00CC36-LS Datasheet HTML 2Page - Artesyn Technologies ASA00CC36-LS Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ASA Series Data Sheet
WORLDWIDE OFFICES
americas
2900S.DiabloWay
Tempe,AZ85282
USA
+18884127832
europe (uK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
+44(0)1384842211
asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
+85221763333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use
of this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Technologies, Inc. All other names
and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 All rights reserved.
www.artesyn.com
ASA6W DS Rev. 03.24.14
Mechanical Drawings
ASA (6W) Series
Single Output
Dual Output
Notes:
1. All specifications are subject to change without notice. Mechanical drawings are for reference only.
2. Warranty: 1 yr
3. Label and logo appearance may vary from what is shown on mechanical drawings.
Dual Output


Similar Part No. - ASA00CC36-LS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ASA00CC36-LS ARTESYN-ASA00CC36-LS Datasheet
701Kb / 3P
   POWER 6 Watts
More results

Similar Description - ASA00CC36-LS

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
   Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
Astec America, Inc
AEE ASTEC-AEE Datasheet
175Kb / 2P
   Encapsulated
logo
Bourns Electronic Solut...
3-1-6WL BOURNS-3-1-6WL Datasheet
352Kb / 3P
   Fully encapsulated
logo
Silonex Inc.
NSL-19M51 SILONEX-NSL-19M51 Datasheet
22Kb / 1P
   Plastic Encapsulated
logo
SeCoS Halbleitertechnol...
S9014W SECOS-S9014W Datasheet
269Kb / 2P
   Plastic Encapsulated Transistor
logo
TRANSYS Electronics Lim...
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
   Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
BAS19LT1 TEL-BAS19LT1 Datasheet
61Kb / 1P
   Plastic-Encapsulated Diodes
BAW56DW TEL-BAW56DW Datasheet
117Kb / 2P
   Plastic-Encapsulated Diode
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com