Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XUQ718 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # XUQ718
Description  IDT XO LVPECL Crystal Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUQ718 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button XUQ718 Datasheet HTML 4Page - Integrated Device Technology XUQ718 Datasheet HTML 5Page - Integrated Device Technology XUQ718 Datasheet HTML 6Page - Integrated Device Technology XUQ718 Datasheet HTML 7Page - Integrated Device Technology XUQ718 Datasheet HTML 8Page - Integrated Device Technology XUQ718 Datasheet HTML 9Page - Integrated Device Technology XUQ718 Datasheet HTML 10Page - Integrated Device Technology XUQ718 Datasheet HTML 11Page - Integrated Device Technology XUQ718 Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
JUNE 20, 2017
11
IDT XO LVPECL CRYSTAL OSCILLATOR
XUQ DATASHEET
IDT Ordering Information
XU
Family and ASIC
L
Output Type
5
Package
3
Voltage
5
Precision
125.000000
Frequency
I
Temperature Range
I: Industrial range  ‐40 to +85 °C
K: Extended industrial range ‐40 to +105 °C
X: Extended commercial range ‐20 to +70 °C
V: 50 ppm APR (VCXO)
0: ±100 ppm
5: ±50 ppm
6: ±25 ppm
8: ±20 ppm
1: 1.8 VDC ±5%
2: 2.5 VDC ±5%
3: 3.3 VDC ±5%
3: 3.2 x 2.5 mm
5: 5.0 x 3.2 mm
7: 7.0 x 5.0 mm
H: HCMOS Enable/Disable Pin 1
J: HCMOS Enable/Disable Pin 2
L: LVDS Enable/Disable Pin 1
M: LVDS Enable/Disable Pin 2
P: LVPECL Enable/Disable Pin 1
Q: LVPECL Enable/Disable Pin 2
N: HCSL Enable/Disable Pin 1
O: HCSL Enable/Disable Pin 2
X: XHCMOS Comp HCMOS Enable/Disable Pin 1
Y: XHCMOS Comp HCMOS Enable/Disable Pin 2
XL: 1,000fs jitter
XU: 400fs jitter
125.000000 Listed in MHz as example
3 digits before decimal and 6 digits past decimal
000.016000 to 000.999999 16.000kHz to 999.999kHz
001.000000 to 009.999999 1.000000MHz to 9.999999MHz
010.000000 to 099.999999 10.000000MHz to 99.999999MHz
100.000000 to 999.999999 100.000000MHz to 999.999999MHz
A00.000000  to A99.999999 1000.000000MHz to 1099.999999MHz
B00.000000  to B99.999999  1100.000000MHz to 1199.999999MHz
C00.000000  to C99.999999  1200.000000MHz to 1299.999999MHz
D00.000000 to D99.999999 1300.000000MHz to 1399.999999MHz
E00.000000   to E99.999999 1400.000000MHz to 1499.999999MHz
F00.000000  1500.000000MHz


Similar Part No. - XUQ718

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUQ720125I IDT-XUQ720125I Datasheet
458Kb / 21P
   XU Family of Low Phase Noise Quartz-based PLL Oscillators
XUQ720125K IDT-XUQ720125K Datasheet
458Kb / 21P
   XU Family of Low Phase Noise Quartz-based PLL Oscillators
XUQ720125X IDT-XUQ720125X Datasheet
458Kb / 21P
   XU Family of Low Phase Noise Quartz-based PLL Oscillators
XUQ725125I IDT-XUQ725125I Datasheet
458Kb / 21P
   XU Family of Low Phase Noise Quartz-based PLL Oscillators
XUQ725125K IDT-XUQ725125K Datasheet
458Kb / 21P
   XU Family of Low Phase Noise Quartz-based PLL Oscillators
More results

Similar Description - XUQ718

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XUP IDT-XUP_17 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
   IDT XO HCMOS Crystal Oscillator
XLH IDT-XLH_17 Datasheet
341Kb / 13P
   IDT XO HCMOS Crystal Oscillator
XUN IDT-XUN_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
   LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com