Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCN-1200 Datasheet(PDF) 1 Page - Mini-Circuits

Part # HFCN-1200
Description  Ceramic High Pass Filter 1340 to 4600 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

HFCN-1200 Datasheet(HTML) 1 Page - Mini-Circuits

  HFCN-1200 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
7W max. at 25°C
*Passband rating, derate linearly to 3W at 100°C ambient.
Applications
• sub-harmonic rejection and dc blocking
• transmitters/receivers
• lab use
• low cost
• small size
• 7 sections
• temperature stable
• dc block in/out, breakdown voltage, 1kV typ.
• excellent power handling, 7W
RF IN
1**
RF OUT
3**
GROUND
2,4
**RF IN & RF OUT can be interchanged
Pin Connections
HFCN-1200
780
940
1180
1340-4000
1220-4600
20:1
1300-3200
7
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
VSWR
Typ.
POWER
INPUT
(W)
Stopband
Frequency
(MHz)
1.5:1
(loss<1.3 dB)
Max.
(loss<2 dB)
Typ.
STOP BAND
(MHz)
Min.
(loss>40 dB)
(loss>20 dB)
High Pass Filter Electrical Specifications1 (TAMB=25°C)
1.00
104.60
1737.18
500.00
75.81
248.17
770.00
47.47
52.65
940.00
25.92
23.81
1180.00
3.74
2.80
1200.00
2.96
2.31
1320.00
1.24
1.40
3000.00
0.38
1.27
4000.00
1.06
2.22
4400.00
1.47
2.71
7000.00
4.70
8.31
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
K1-HFCN
40
5 of each: HFCN-650,-740,-1200,-1500,-1760,
79.95
-2000,-2275,-2700
designers kit available
Kit
No.
No. of
Units in Kit
Description
Price $
per Kit
HFCN-1200
INSERTION LOSS
0
20
40
60
80
100
120
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
HFCN-1200
VSWR
1
10
100
1000
10000
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
Outline Drawing
Demo Board MCL P/N: TB-270
Suggested PCB Layout (PL-137)
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
.126
.063
.037
.020
.032
.009
.169
3.20
1.60
0.94
0.51
0.81
0.23
4.29
HJ
K
L
M
N
P
wt
.087
.024
.122
.024
.087
.012
.071 grams
2.21
0.61
3.10
0.61
2.21
0.30
1.80
.020
1. For Applications requiring DC voltage to be applied to the Input or output, use HFCN-1200D (DC Resistance to
ground is 100 Mohms min.)
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
3dB
B
20dB
40dB
co
f
1.3 dB
f
FREQUENCY
CASE STYLE: FV1206
Model
Price
Qty.
HFCN-1200
$1.99
(10-49)
HFCN-1200D
$2.49
(10-49)
RF IN
RF OUT
1340 to 4600 MHz
High Pass Filter
Ceramic
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. B
M96263
EDR-6251/1
HFCN-1200
AD/RS/CP
050113
NEW!
HFCN-1200


Similar Part No. - HFCN-1200

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFCN-1200++ MINI-HFCN-1200+ Datasheet
237Kb / 1P
   HIGH PASS FILTERS
More results

Similar Description - HFCN-1200

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFCN-740 MINI-HFCN-740 Datasheet
117Kb / 1P
   Ceramic High Pass Filter 900 to 2800 MHz
HFCN-1320 MINI-HFCN-1320 Datasheet
117Kb / 1P
   Ceramic High Pass Filter 1700 to 5000 MHz
HFCN-1910 MINI-HFCN-1910 Datasheet
118Kb / 1P
   Ceramic High Pass Filter 2200 to 5200 MHz
HFCN-880 MINI-HFCN-880 Datasheet
117Kb / 1P
   Ceramic High Pass Filter 1060 to 3200 MHz
HFCN-1500 MINI-HFCN-1500 Datasheet
118Kb / 1P
   Ceramic High Pass Filter 1700 to 6300 MHz
HFTC-26 MINI-HFTC-26 Datasheet
98Kb / 1P
   Ceramic High Pass Filter 3000 to 7000 MHz
HFCN-1760 MINI-HFCN-1760 Datasheet
118Kb / 1P
   Ceramic High Pass Filter 2100 to 5500 MHz
HFCN-1810 MINI-HFCN-1810 Datasheet
117Kb / 1P
   Ceramic High Pass Filter 2250 to 4750 MHz
HFCN-2000 MINI-HFCN-2000 Datasheet
118Kb / 1P
   Ceramic High Pass Filter 2410 to 6250 MHz
HFCN-2100 MINI-HFCN-2100 Datasheet
117Kb / 1P
   Ceramic High Pass Filter 2500 to 6000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com