Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2T18SA5W40 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T18SA5W40
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T18SA5W40 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T18SA5W40 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T18SA5W40 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T18SA5W40 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T18SA5W40 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T18SA5W40 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T18SA5W40 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T18SA5W40 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2T18SA5W40 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Series M2
Process Sealed Miniature Toggles
A92
A
www.nkkswitches.com
(3.81)
.150
PC TERMINALS
Straight
.150” (3.81mm) Right Angle
03
30
.150” (3.81mm) Vertical
40
(3.81)
.150
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(12.7)
.500
(2.54) Typ
.100
(1.8) Dia Typ
.073
2
1
3
(4.7) Typ
.185
(2.54) Typ
.100
(12.7)
.500
5
4
6
(3.81)
.150
Straight with
.460” (11.7mm) Bracket
13
.390” (9.9mm)
Extended PC
05
.728” (18.5mm)
Extended PC
06
.945” (24.0mm)
Extended PC
07
2
1
3
(1.6) Typ
.063
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
Epoxy Seal
(4.8)
.189
(5.9)
.232
(1.17)
.046
Thk = (0.8)
.031
2
14
5
6
3
(1.6) Typ
.063
(2.4) Typ
.095
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
CL
Thk = (0.8)
.031
Epoxy Seal
A
(1.27)
.050
Dimension A = terminal lengths as shown beside the terminal codes at the left.
Single Pole
Single Pole
Single Pole
Single Pole
Double Pole
Double Pole
Double Pole
Double Pole
Single Pole
Double Pole
(5.9)
.232
(11.7)
.460
(2.4) Typ
.094
(1.8) Dia Typ
.073
1
2
3
(12.7)
.500
(2.54) Typ
.100
(3.81) Typ
.150
4
5
6
(12.7)
.500
(1.8) Dia Typ
.073
2
1
3
(2.54) Typ
.100
(3.81) Typ
.150
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3


Similar Part No. - M2T18SA5W40

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T18SA5W40 NKK-M2T18SA5W40 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
More results

Similar Description - M2T18SA5W40

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com