Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616HBG-4SI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R1LV1616HBG-4SI
Description  16 M SRAM (1-Mword x 16-bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616HBG-4SI Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1LV1616HBG-4SI Datasheet HTML 2Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 3Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 4Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 5Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 6Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 7Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 8Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 9Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
R1LV1616HBG-I Series
Rev.1.01, Feb.23.2017, page 6 of 13
Capacitance
(Ta = +25
C, f = 1.0 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Note
Input capacitance
Cin


8
pF
Vin = 0 V
1
Input/output capacitance
CI/O


10
pF
VI/O = 0 V
1
Note:
1. This parameter is sampled and not 100% tested.
AC Characteristics
(Ta =
40 to +85C, VCC = 2.7 V to 3.6 V)
Test Conditions
 Input pulse levels: VIL = 0.4 V, VIH = 2.4 V
 Input rise and fall time: 5 ns
 Input and output timing reference levels: 1.4 V
 Output load: See figures (Including scope and jig)
Dout
1.4V
RL = 500
Ω
50 pF


Similar Part No. - R1LV1616HBG-4SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616HBG-4SI RENESAS-R1LV1616HBG-4SI Datasheet
121Kb / 15P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
More results

Similar Description - R1LV1616HBG-4SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616HSA-I RENESAS-R1LV1616HSA-I Datasheet
477Kb / 21P
   16 M SRAM (1-Mword x 16-bit / 2-Mword x 8-bit)
R1LV1616H-I RENESAS-R1LV1616H-I_15 Datasheet
179Kb / 23P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
HM62A16100I RENESAS-HM62A16100I Datasheet
140Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HBGI RENESAS-R1LV1616HBGI_15 Datasheet
143Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
HM62A16100I RENESAS-HM62A16100I_15 Datasheet
243Kb / 19P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HBG-I RENESAS-R1LV1616HBG-I Datasheet
121Kb / 15P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
HM62V16100I RENESAS-HM62V16100I Datasheet
211Kb / 25P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616H-I RENESAS-R1LV1616H-I Datasheet
158Kb / 21P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
logo
Elpida Memory
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com