Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RW-1212S Datasheet(PDF) 2 Page - Recom International Power

Part # RW-1212S
Description  DIP24 Low Profile Miniature Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW-1212S Datasheet(HTML) 2 Page - Recom International Power

  RW-1212S Datasheet HTML 1Page - Recom International Power RW-1212S Datasheet HTML 2Page - Recom International Power RW-1212S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications (Core Operating Area)
Input Voltage Range
2:1
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
±0.2% typ.
Load Voltage Regulation (10% to 100% full load)
±0.5% max.
Minimum Load
10% (2)
Output Ripple and Noise (20MHz limited)
70mVp-p max.
Operating Frequency
85kHz min. / 100kHz typ.
Efficiency at Full Load
See Selection Guide
No Load Power Consumption
250mW max.
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Capacitance
40pF min. / 60pF max.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range (free air convection)
-40°C to +80°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
DIP24
7g
SMD
7.7g
Packing Quantity
15 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
1034 x 103 hours
(+80°C)
using MIL-HDBK 217F
186 x 103 hours
Certifications
EN General Safety
Report: SPCLVD1212007
EN60950-1:2006 + A11:2009+A1:2010+A12:2011
EN Medical Safety
Report: MDD1205098-3 + RM1205098-3
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
RW-xxxxS
Series
ECONOLINE
DC/DC-Converter
Typical Performance
} DetailedInformationsee
Application Notes chapter "MTBF"
RW-1205S
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
RW-2412S
Notes
Note 1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter
Note 2:
The RW-S series requires a minimum of 10% load on the output to maintain specified regulation. Operating under no-load conditions
will not damage these devices; however, they may not meet all listed specifications.
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to our Application Notes.
REV: 0/2015
E-135
www.recom-power.com


Similar Part No. - RW-1212S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW-1212S RECOM-RW-1212S Datasheet
81Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RW-1212S RECOM-RW-1212S Datasheet
87Kb / 2P
   2 Watt DIP24/SMD low Profile package Single Output
RW-1212S RECOM-RW-1212S Datasheet
91Kb / 3P
   3 Watt DIP24/SMD Low Profile Package Single Output
RW-1212S/SMD RECOM-RW-1212S/SMD Datasheet
91Kb / 3P
   3 Watt DIP24/SMD Low Profile Package Single Output
More results

Similar Description - RW-1212S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW-D RECOM-RW-D Datasheet
96Kb / 2P
   DIP24 Low Profile Package
RW-0505D RECOM-RW-0505D Datasheet
83Kb / 2P
   3 Watt DIP24 low Profile package Dual Regulated Output
RW-053.3S RECOM-RW-053.3S Datasheet
87Kb / 2P
   2 Watt DIP24/SMD low Profile package Single Output
RW-053.3S RECOM-RW-053.3S_06 Datasheet
91Kb / 3P
   3 Watt DIP24/SMD Low Profile Package Single Output
RW-1205D RECOM-RW-1205D Datasheet
87Kb / 2P
   3 Watt DIP24 low Profile package Dual Regulated Output
logo
List of Unclassifed Man...
ACT9200 ETC-ACT9200 Datasheet
204Kb / 1P
   MINIATURE LOW PROFILE SURFACE MOUNT PACKAGE
logo
Recom International Pow...
REC3-SDR RECOM-REC3-SDR Datasheet
93Kb / 2P
   Low Cost 3W converter in DIP24 Package
logo
Advanced Crystal Techno...
ACT9325 ACT-ACT9325 Datasheet
760Kb / 3P
   miniature low profile Surface Mount package clock oscillator,
29/10/07
logo
EUROQUARTZ limited
YH1300 EUROQUARTZ-YH1300 Datasheet
81Kb / 1P
   Miniature Package - Low Phase Noise
YH1420 EUROQUARTZ-YH1420 Datasheet
83Kb / 1P
   Miniature Package - Low Phase Noise
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com