Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C154MZRACAUTO Datasheet(PDF) 9 Page - Kemet Corporation

Part # C1206C154MZRACAUTO
Description  High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C154MZRACAUTO Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C1206C154MZRACAUTO Datasheet HTML 5Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 6Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 7Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 8Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 9Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 10Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 11Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 12Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1076_X7R_HV_AUTO_SMD • 11/21/2016
9
Surface Mount Multilayer Ceramic Chip Capacitors, (SMD MLCCs)
High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
Table 2 – Chip Thickness/Tape & Reel Packaging Quantities
Thickness
Code
Case
Size1
Thickness ±
Range (mm)
Paper Quantity1
Plastic Quantity
7" Reel
13" Reel
7" Reel
13" Reel
CG
0603
0.80 ± 0.10
4,000
15,000
0
0
DG
0805
1.25 ± 0.15
0
0
2,500
10,000
EF
1206
1.20 ± 0.15
0
0
2,500
10,000
EG
1206
1.60 ± 0.15
0
0
2,000
8,000
EJ
1206
1.70 ± 0.20
0
0
2,000
8,000
FG
1210
1.25 ± 0.15
0
0
2,500
10,000
FL
1210
1.40 ± 0.15
0
0
2,000
8,000
FH
1210
1.55 ± 0.15
0
0
2,000
8,000
FM
1210
1.70 ± 0.20
0
0
2,000
8,000
FK
1210
2.10 ± 0.20
0
0
2,000
8,000
FS
1210
2.50 ± 0.30
0
0
1,000
4,000
LE
1808
1.00 ± 0.10
0
0
2,500
10,000
LA
1808
1.40 ± 0.15
0
0
1,000
4,000
LB
1808
1.60 ± 0.15
0
0
1,000
4,000
LC
1808
2.00 ± 0.15
0
0
1,000
4,000
GB
1812
1.00 ± 0.10
0
0
1,000
4,000
GC
1812
1.10 ± 0.10
0
0
1,000
4,000
GE
1812
1.30 ± 0.10
0
0
1,000
4,000
GH
1812
1.40 ± 0.15
0
0
1,000
4,000
GF
1812
1.50 ± 0.10
0
0
1,000
4,000
GK
1812
1.60 ± 0.20
0
0
1,000
4,000
GJ
1812
1.70 ± 0.15
0
0
1,000
4,000
GN
1812
1.70 ± 0.20
0
0
1,000
4,000
GL
1812
1.90 ± 0.20
0
0
500
2,000
GM
1812
2.00 ± 0.20
0
0
500
2,000
GS
1812
2.10 ± 0.20
0
0
500
2,000
GO
1812
2.50 ± 0.20
0
0
500
2,000
HE
1825
1.40 ± 0.15
0
0
1,000
4,000
HG
1825
1.60 ± 0.20
0
0
1,000
4,000
HJ
1825
2.00 ± 0.20
0
0
500
2,000
HK
1825
2.50 ± 0.20
0
0
500
2,000
JE
2220
1.40 ± 0.15
0
0
1,000
4,000
JK
2220
1.60 ± 0.20
0
0
1,000
4,000
JL
2220
2.00 ± 0.20
0
0
500
2,000
JN
2220
2.50 ± 0.20
0
0
500
2,000
KE
2225
1.40 ± 0.15
0
0
1,000
4,000
KF
2225
1.60 ± 0.20
0
0
1,000
4,000
KH
2225
2.00 ± 0.20
0
0
500
2,000
KJ
2225
2.50 ± 0.20
0
0
500
2,000
Thickness
Code
Case
Size1
Thickness ±
Range (mm)
7" Reel
13" Reel
7" Reel
13" Reel
Paper Quantity1
Plastic Quantity
Package quantity based on finished chip thickness specifications.
1
If ordering using the 2 mm Tape and Reel pitch option, the packaging quantity outlined in the table above will be doubled. This option is limited to EIA
0603 (1608 metric) case size devices. For more information regarding 2 mm pitch option see "Tape & Reel Packaging Information".


Similar Part No. - C1206C154MZRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C154MZRACAUTO KEMET-C1206C154MZRACAUTO Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
More results

Similar Description - C1206C154MZRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com