Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY85735-11-EVB Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY85735-11-EVB
Description  5 GHz, 802.11ac Front-End Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY85735-11-EVB Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY85735-11-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. SKY85735-11-EVB Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT SUMMARY • SKY85735-11: FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
October 7, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 204339A
Ordering Information
Model Name
Manufacturing Part Number
Evaluation Board Part Number
SKY85735-11: 5 GHz, 802.11ac Front-End Module
SKY85735-11
SKY85735-11-EVB
Copyright © 2016 Skyworks Solutions, Inc. All Rights Reserved.
Information in this document is provided in connection with Skyworks Solutions, Inc. (“Skyworks”) products or services. These materials, including the information contained herein, are provided by
Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the
information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to
update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes.
No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or
information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions
of Sale.
THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED “AS IS” WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A
PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY
DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS
SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION,
LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE
POSSIBILITY OF SUCH DAMAGE.
Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury,
death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any
damages resulting from such improper use or sale.
Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of
products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for
applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters.
Skyworks and the Skyworks symbol are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for
identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by
reference.


Similar Part No. - SKY85735-11-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85734-11 SKYWORKS-SKY85734-11 Datasheet
175Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85734-11-EVB SKYWORKS-SKY85734-11-EVB Datasheet
175Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85736-11 SKYWORKS-SKY85736-11 Datasheet
502Kb / 13P
   5 GHz WLAN Front-End Module
SKY85736-EK1 SKYWORKS-SKY85736-EK1 Datasheet
502Kb / 13P
   5 GHz WLAN Front-End Module
SKY85738-11 SKYWORKS-SKY85738-11 Datasheet
172Kb / 2P
   5 GHz WLAN Front-End Module
More results

Similar Description - SKY85735-11-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85734-11 SKYWORKS-SKY85734-11 Datasheet
175Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85717-21 SKYWORKS-SKY85717-21 Datasheet
196Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85724-11 SKYWORKS-SKY85724-11 Datasheet
175Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85717-11 SKYWORKS-SKY85717-11 Datasheet
196Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKYA21041 SKYWORKS-SKYA21041 Datasheet
155Kb / 2P
   5 GHz, 802.11ac Switch/Low-Noise Amplifier Front End
logo
TriQuint Semiconductor
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
   802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
   Dual-Band 802.11ac Front-End Module
logo
TriQuint Semiconductor
TQF7059 TRIQUINT-TQF7059 Datasheet
536Kb / 7P
   5 GHz WLAN Front End Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com