Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2T13SA5A13 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T13SA5A13
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T13SA5A13 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T13SA5A13 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T13SA5A13 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T13SA5A13 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T13SA5A13 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T13SA5A13 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T13SA5A13 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T13SA5A13 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2T13SA5A13 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Series M2
Process Sealed Miniature Toggles
A95
A
www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS
Double Pole
Vertical PC
Actuator in Down Position
M2T22S4A5G40
6
5
4
3
2
1
(12.7)
.500
(4.8)
.189
(11.5)
.453
(1.27) Typ
.050
(4.2)
.165
26°
(2.7) Dia
.106
(1.0)
.039
(0.5)
.020
(0.4)
.016
(0.8) Typ
.031
(7.62)
.300
(6.15)
.242
(12.7)
.500
(3.81) Typ
.150
NKK P/N This Side
(7.2)
.283
(1.3) Typ
.051
(5.08)
.200
(6.2)
.244
HANDLING PRECAUTION
When an application employs M2T model with silver contacts, 5 to 6A @ 125V AC, and the switch will be actuated 100 or more
times per day, note these instructions:
Peel off the film seal on the switch body situated over the part number after cleaning.


Similar Part No. - M2T13SA5A13

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T13SA5A13 NKK-M2T13SA5A13 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
More results

Similar Description - M2T13SA5A13

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com