Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE844RD6330MR30L2 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHE844RD6330MR30L2
Description  Film, Metallized Polypropylene, Safety, PHE844/F844, 0.33 uF, 20%, 1,000 V, 480 V, 105C, Lead Spacing = 22.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE844RD6330MR30L2 Datasheet(HTML) 1 Page - Kemet Corporation

  PHE844RD6330MR30L2_17 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 095bb62e-b264-4f80-9217-8ad16a8332d4
KEMET Part Number: PHE844RD6330MR30L2
(F844DW334M440ALW0L, PHE844RD6330MD20R30L2)
Film, Metallized Polypropylene, Safety, PHE844/F844, 0.33 uF, 20%, 1,000 V, 480 V, 105C, Lead Spacing = 22.5mm
Dimensions
L
26mm MAX
H
23mm MAX
T
13.5mm MAX
S
22.5mm +/-0.4mm
LL
30mm +0/-1mm
F
0.8mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Tray
Packaging Quantity: 209
General Information
Dielectric: Metallized Polypropylene
Style: Radial
Series: PHE844/F844
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Approvals: ENEC, UL, cUL
Miscellaneous: ClimCat: 40/105/56/B
Specifications
Capacitance: 0.33 uF
Capacitance Tolerance: 20%
Voltage DC: 1000 VDC
Voltage AC: 440 VAC
Temperature Range: -40/+105C
Rated Temperature: 105C
Dissipation Factor: 0.1% 1kHz, 0.4% 10kHz
Insulation Resistance: 30 GOhms
Max dVdt: 100 V
Safety Class: X1
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - PHE844RD6330MR30L2_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6330MR30L2 KEMET-PHE844RD6330MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.33 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=22.5 mm
More results

Similar Description - PHE844RD6330MR30L2_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6470MR30L2 KEMET-PHE844RD6470MR30L2_17 Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, PHE844/F844, 0.47 uF, 20%, 1,000 V, 480 V, 105C, Lead Spacing = 22.5mm
PHE844RF6330MR06L2 KEMET-PHE844RF6330MR06L2_17 Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, PHE844/F844, 0.33 uF, 20%, 1,000 V, 480 V, 105C, Lead Spacing = 27.5mm
PHE844RD6100MR30L2 KEMET-PHE844RD6100MR30L2 Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, PHE844/F844, 0.1 uF, 20%, 1,000 V, 440 V, 105C, Lead Spacing = 22.5mm
P278SU104M480A KEMET-P278SU104M480A Datasheet
53Kb / 1P
   Film, Metallized Paper, Safety, P278, 0.1 uF, 20%, 1,000 V, 480 V, 110C, Lead Spacing = 22.5mm
P278SJ473M480A KEMET-P278SJ473M480A Datasheet
53Kb / 1P
   Film, Metallized Paper, Safety, P278, 0.047 uF, 20%, 1,000 V, 480 V, 110C, Lead Spacing = 22.5mm
R413N310000M1M KEMET-R413N310000M1M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 0.1 uF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 22.5mm
R46KN333050N0K KEMET-R46KN333050N0K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.33 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 22.5mm
R475N32205001K KEMET-R475N32205001K Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, R47_X2, 0.22 uF, 10%, 1,000 V, 520 V, 85C, Lead Spacing = 22.5mm
R474N310050A1K KEMET-R474N310050A1K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R47_X1, 0.1 uF, 10%, 1,000 V, 440 V, 110C, Lead Spacing = 22.5mm
R463N333050N0K KEMET-R463N333050N0K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.33 uF, 10%, 630 V, 310 V, 110C, Lead Spacing = 22.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com