Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2T28S4A5W03 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T28S4A5W03
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T28S4A5W03 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T28S4A5W03 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T28S4A5W03 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T28S4A5W03 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T28S4A5W03 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T28S4A5W03 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T28S4A5W03 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T28S4A5W03 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2T28S4A5W03 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Series M2
Process Sealed Miniature Toggles
A91
A
www.nkkswitches.com
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note:
Terminal numbers are not
actually on the switch.
SP
M2T12
M2T13
M2T15
M2T18
M2T19
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
M2T22
M2T23
M2T25
M2T28
M2T29
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
OPEN
2-1 5-4
DPDT
ACTUATORS
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits
within the same application. See Supplement section for complete explanation of dual rating and operating range.
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Silver
POLES & CIRCUITS
2 (COM)
1
3
4
6
1
3
25
(COM)
S
G
A
CONTACT MATERIALS & RATINGS
Material:
Nickel over Brass
Material:
Nickel over Brass
Standard Combinations: S Bat Lever with straight terminals
(code 03) with silver or gold contacts.
Complete explanation of operating range in Supplement section.
Power Level
6A @ 125V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
.500” (12.7mm)
Bat Lever
S4
.300” (7.62mm)
Bat Lever
Standard Combinations: S4 Bat Lever with bracketed terminals
(codes 13, 30, 40) with silver or gold contacts.
26°
(2.8) Dia
.110
(12.7)
.500
26°
(7.62)
.300
(2.7) Dia
.106
BUSHING
.250” (6.35mm) Double Flatted
A5
(6.2)
.244
(6.35)
.250
(5.2)
.205
(6.8)
.268


Similar Part No. - M2T28S4A5W03

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T28S4A5W03 NKK-M2T28S4A5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
More results

Similar Description - M2T28S4A5W03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com