Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-BF50 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SM-BF50
Description  50OHM DC to 2 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SM-BF50 Datasheet(HTML) 2 Page - Mini-Circuits

  SM-BF50 Datasheet HTML 1Page - Mini-Circuits SM-BF50 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
BNC/SMA
PAGE 2 OF 2
SM-BF50
INSERTION LOSS
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY(MHz)
SM-BF50
VSWR
0.90
0.95
1.00
1.05
1.10
1.15
1.20
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY(MHz)
SM-BF50
INSERTION LOSS
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY(MHz)
SM-BF50
VSWR
0.90
0.95
1.00
1.05
1.10
1.15
1.20
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY(MHz)
SF-BF50
INSERTION LOSS
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY(MHz)
SF-BF50
VSWR
0.90
0.95
1.00
1.05
1.10
1.15
1.20
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY(MHz)
SF-BM50
INSERTION LOSS
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY(MHz)
SF-DM50
VSWR
1.00
1.05
1.10
1.15
1.20
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY(MHz)


Similar Part No. - SM-BF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SM-BF50++ MINI-SM-BF50+ Datasheet
102Kb / 1P
   Coaxial Adapter, SMA-M to BNC-F
More results

Similar Description - SM-BF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
   50OHM, DC to 18 GHz
ERA-5XSM MINI-ERA-5XSM Datasheet
253Kb / 4P
   Monolithic Amplifier 50OHM, Broadband, DC to 4 GHz
MSWT-4-20 MINI-MSWT-4-20 Datasheet
244Kb / 2P
   50ohm Transfer, DC to 2.0 GHz Low Video Leakage
K2-HAT MINI-K2-HAT Datasheet
286Kb / 1P
   DC to 2 GHz
K1-HAT MINI-K1-HAT Datasheet
283Kb / 1P
   DC to 2 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
BTRM-50 MINI-BTRM-50 Datasheet
110Kb / 1P
   Termination BNC 50ohm DC to 2000 MHz
ZX60-3018G MINI-ZX60-3018G Datasheet
197Kb / 2P
   Connectorized Amplifier 50ohm, 20 MHz to 3 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com