Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ5833CY Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PJ5833CY
Description  500mA CMOS Low Dropout Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ5833CY Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PJ5833CY Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ5833CY Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ5833CY Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ5833CY Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ5833CY Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PJ5800/A Series
500mA CMOS Low Dropout Voltage Regulators
4-5
2002/10.rev.A
TO-252 Mechanical drawing
SOT-89 Mechanical drawing
H
e
b
E
1.Top View
DIM
D
L2
c2
A
L3
2.Side View
0.265
6.731
0.250
6.35
E
0.508BSC
2.286BSC
L2
L3
1.524
H
e
9.398
2.032
10.414
0.410
0.080
0.020BSC
0.060
0.090BSC
0.370
TO-252 DIMENSION
0.635
b
D
c2
5.334
0.457
A
2.184
MIN
0.889
5.588
0.889
2.388
MAX
MILLIMETERS
0.035
0.094
MAX
0.220
0.035
0.025
0.210
0.018
0.086
MIN
INCHES
F
1.Top View
A
B
G
H
E
I
C
D
J
2.Side View
I
J
H
G
1.4
0.35
4.05
0.89
E
F
D
C
B
A
3.00
1.50
0.40
2.30
1.5
4.4
0.055
0.035
0.159
0.014
1.6
0.44
4.25
1.20
0.063
0.017
0.167
0.047
0.090
0.173
0.059
0.059
0.118
0.016
3.00
1.50
0.52
2.60
1.7
4.6
0.118
0.059
0.020
0.070
0.102
0.181
MILLIMETERS
SOT-89 DIMENSION
DIM
MIN
MIN
MAX
INCHES
MAX


Similar Part No. - PJ5833CY

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PJ527BA NIKOSEM-PJ527BA Datasheet
271Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PJ5833CY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
   500mA Low Dropout Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013 Datasheet
116Kb / 3P
   500mA CMOS Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS5105 ADMOS-AMS5105 Datasheet
360Kb / 8P
   500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com