Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1289 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE1289
Description  Integrated Circuit TV Vertical Deflection System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1289 Datasheet(HTML) 3 Page - NTE Electronics

  NTE1289 Datasheet HTML 1Page - NTE Electronics NTE1289 Datasheet HTML 2Page - NTE Electronics NTE1289 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Flyback
Pin Connection Diagram
Ramp Output
Amp Output
Sync Input
Oscillator
Height Adjust
Amp Input
Ramp Generator
Amp Voltage
Regulated Voltage
Supply Voltage
1
2
3
4
5
6
12
11
10
Compensation
9
8
7
.247 (6.27)
.100 (2.54)
16
12
7
.260 (6.6)
.770 (19.5) Max
.700 (17.78)
.677
(17.2)
.233
(5.9)
Max
.099 (2.5) Min


Similar Part No. - NTE1289

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE128 NTE-NTE128 Datasheet
27Kb / 3P
   Silicon Complementary Transistors Audio Output, Video, Driver
NTE1281 NTE-NTE1281 Datasheet
78Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 50W
NTE1282 NTE-NTE1282 Datasheet
79Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 35W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1286 NTE-NTE1286 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
More results

Similar Description - NTE1289

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1674 NTE-NTE1674 Datasheet
26Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
NTE1684 NTE-NTE1684 Datasheet
22Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
NTE1782 NTE-NTE1782 Datasheet
22Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
NTE1788 NTE-NTE1788 Datasheet
57Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
logo
List of Unclassifed Man...
TDA1170S ETC-TDA1170S Datasheet
674Kb / 12P
   TV VERTICAL DEFLECTION SYSTEM
logo
NTE Electronics
NTE15002 NTE-NTE15002 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
NTE1773 NTE-NTE1773 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
NTE7056 NTE-NTE7056 Datasheet
72Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit for Color TV
NTE1767 NTE-NTE1767 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit for Color TV
NTE1804 NTE-NTE1804 Datasheet
26Kb / 3P
   Integrated Circuit Vertical Deflection Circuit for Large Screen TV
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com