Electronic Components Datasheet Search |
|
XUQ31V Datasheet(PDF) 4 Page - Integrated Device Technology |
|
XUQ31V Datasheet(HTML) 4 Page - Integrated Device Technology |
4 / 12 page IDT XO LVPECL CRYSTAL OSCILLATOR 4 JUNE 20, 2017 XUQ DATASHEET DC Characteristics (VDD = 2.5V ±5%, TA = - 20°C to +70°C; -40° to +85°C). Below are guaranteed for listed standard frequencies. * A pullup resistor from pin 6 (VDD) to pin 1 (E/D) enables output when pin 1 is left open. AC Characteristics (VDD = 2.5V ±5%, TA = - 20°C to +70°C; -40° to +85°C). Below are guaranteed for listed standard frequencies. Note: Inclusive of initial frequency accuracy, operating temperature range, supply variation, load variation, 3 times solder reflow, shock, vibration and 1 year aging at 25°C. We do not recommend hand soldering the devices. Parameter Symbol Condition Min Typ Max Units Power Supply Current IDD <156.25MHz >156.25MHz 102 112 mA Output HIGH Voltage VOH Std LVPECL load 1.1 1,45 V Output LOW Voltage VOL Std LVPECL load 0.035 0.085 V Enable/Disable Input HIGH Voltage (Output enabled)* VIH 70%VDD V Enable/Disable Input LOW Voltage (Output disabled) VIL 30%VDD V Parameter Symbol Condition Min Typ Max Units Output Frequency Range FOUTR 0.750 670 MHz Frequency Stability Temperature = -20°C to +70°C ±20 ±100 ppm Temperature = -40°C to +85°C ±25 ±100 ppm Output Load To VDD-2.0V 50 Ohms Start-up Time TST Output valid time after VDD meets minimum specified level 10 ms Output Rise Time 20% to 80% VPP 250 630 ps Output Fall Time 80% to 20% VPP 360 630 ps Output Clock Duty Cycle TDTCY 50% VPP <156.25MHz >156.25MHz 45 40 55 60 % Output Enable/ Disable Time TOE 100 ns Period Jitter, RMS JPER Frequency = 156.25MHz 2 5 ps Random Jitter RJ Frequency = 156.25MHz Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications) 0.7 1.6 ps Deterministic Jitter DJ 822 ps Total Jitter TJ 18 38 ps Phase Jitter (12kHz – 20MHz) JITTER Frequency = 156.25MHz at 25°C, 2.5V 350 500 fs Phase Noise Performance Frequency = 156.25MHz NOISE 100Hz of Carrier -94 dBc/Hz 1kHz of Carrier -113 dBc/Hz 10kHz of Carrier -120 dBc/Hz 100kHz of Carrier -128 dBc/Hz 1MHz of Carrier -147 dBc/Hz 10MHz of Carrier -155 dBc/Hz Output Frequency (Standards) FOUT 100MHz, 106.25MHz, 125MHz, 150MHz, 155.52MHz, 156.25MHz, 200MHz, 212,5MHz, 250MHz, 300MHz, 312.5MHZ, 400MHz (Contact IDT for additional frequencies) |
Similar Part No. - XUQ31V |
|
Similar Description - XUQ31V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |