Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13525-646LF Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY13525-646LF
Description  0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13525-646LF Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY13525-646LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13525-646LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13525-646LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13525-646LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13525-646LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13525-646LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13525-646LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13525-646LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13525-646LF Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DATA SHEET • SKY13525-646LF: SP6T LTE TRANSMIT/RECEIVE SWITCH WITH MIPI RFFE INTERFACE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
October 28, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202903F
Table 7. SKY13525-646LF Electrical Specifications: Isolation, TRX to TRX Ports1
(VDD = 2.85 V, TOP = +25
C, Characteristic Impedance [ZO] = 50 Ω, Unless Otherwise Noted)
Closed Path
Frequency
(MHz)
Isolation (dB)
TRX1
TRX2
TRX3
TRX4
TRX5
TRX6
TRX1
915
–35
–40
–42
–47
–47
TRX1
1910
–28
–32
–35
–38
–40
TRX1
2690
–25
–29
–31
–34
–37
TRX2
915
–39
–30
–44
–47
–47
TRX2
1910
–29
–23
–36
–39
–40
TRX2
2690
–24
–20
–32
–35
–37
TRX3
915
–45
–29
–44
–47
–47
TRX3
1910
–32
–22
–36
–39
–40
TRX3
2690
–27
–19
–32
–35
–37
TRX4
915
–46
–50
–55
–35
–40
TRX4
1910
–34
–37
–43
–28
–33
TRX4
2690
–29
–32
–38
–25
–30
TRX5
915
–45
–49
–55
–33
–30
TRX5
1910
–34
–36
–43
–26
–23
TRX5
2690
–30
–32
–38
–23
–21
TRX6
915
–44
–49
–54
–38
–29
TRX6
1910
–34
–36
–42
–31
–22
TRX6
2690
–30
–32
–37
–28
–20
1 Performance is guaranteed only under the conditions listed in this table.


Similar Part No. - SKY13525-646LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13522-644LF SKYWORKS-SKY13522-644LF Datasheet
701Kb / 10P
   0.7 to 3.0 GHz High Isolation (Single Bit Control) SPDT Switch
SKY13523-639LF SKYWORKS-SKY13523-639LF Datasheet
491Kb / 9P
   0.7 to 3.0 GHz High-Isolation SP3T Switch
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
   0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13524-639LF-EVB SKYWORKS-SKY13524-639LF-EVB Datasheet
535Kb / 10P
   0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
   0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
More results

Similar Description - SKY13525-646LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
   0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY13594-666LF SKYWORKS-SKY13594-666LF Datasheet
181Kb / 2P
   3P4T Transmit/Receive LTE Switch with MIPI RFFE Compatibility
logo
Will Semiconductor Ltd.
WS7806QM WILLSEMI-WS7806QM Datasheet
564Kb / 12P
   0.1GHz??GHz SP6T Diversity Antenna Switch with MIPI RFFE Interface
logo
Infineon Technologies A...
BGS16MN14 INFINEON-BGS16MN14 Datasheet
1Mb / 17P
   SP6T Diversity Antenna Switch with MIPI RFFE Interface
logo
Will Semiconductor Ltd.
WS7808QM WILLSEMI-WS7808QM Datasheet
565Kb / 12P
   0.1GHz??GHz SP8TDiversityAntenna Switch with MIPI RFFE Interface
logo
Skyworks Solutions Inc.
SKY13551-668LF SKYWORKS-SKY13551-668LF Datasheet
717Kb / 16P
   0.4 to 3.8 GHz DP10T (SP5T/SP5T) Main/Receive Diversity Switch with MIPI RFFE Interface for Carrier Aggregation
SKY13550-667LF SKYWORKS-SKY13550-667LF Datasheet
704Kb / 16P
   0.4 to 3.8 GHz DP8T (SP4T/SP4T) Main/Receive Diversity Switch with MIPI RFFE Interface for Carrier Aggregation
SKYA21054 SKYWORKS-SKYA21054 Datasheet
681Kb / 18P
   Automotive 0.4 to 2.7 GHz SP8T MIPI Diversity Switch
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
logo
Infineon Technologies A...
BGSX44MA12 INFINEON-BGSX44MA12 Datasheet
422Kb / 17P
   4P4T Rx Switch with MIPI RFFE Interface
Revision 2.2 2018-05-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com