Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2300S Datasheet(PDF) 6 Page - Teccor Electronics

Part # P2300S
Description  solid state crowbar devices
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2300S Datasheet(HTML) 6 Page - Teccor Electronics

Back Button P2300S Datasheet HTML 2Page - Teccor Electronics P2300S Datasheet HTML 3Page - Teccor Electronics P2300S Datasheet HTML 4Page - Teccor Electronics P2300S Datasheet HTML 5Page - Teccor Electronics P2300S Datasheet HTML 6Page - Teccor Electronics P2300S Datasheet HTML 7Page - Teccor Electronics P2300S Datasheet HTML 8Page - Teccor Electronics P2300S Datasheet HTML 9Page - Teccor Electronics P2300S Datasheet HTML 10Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 212 page
background image
Product Description
http://www.teccor.com
1 - 2
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Product Description
SIDACtor components are solid state crowbar devices designed to protect telecom
equipment during hazardous transient conditions. Capitalizing on the latest in thyristor
advancements, Teccor makes SIDACtor devices with a patented ion implant technology.
This technology ensures effective protection within nanoseconds, up to 5000 A surge
current ratings, and simple solutions for regulatory requirements such as GR 1089,
TIA-968 (formerly known as FCC Part 68), ITU-T K.20, ITU-T K.21, and UL 60950.
Operation
In the standby mode, SIDACtor devices exhibit a high off-state impedance, eliminating
excessive leakage currents and appearing transparent to the circuits they protect. Upon
application of a voltage exceeding the switching voltage (VS), SIDACtor devices crowbar
and simulate a short circuit condition until the current flowing through the device is either
interrupted or drops below the SIDACtor device’s holding current (IH). Once this occurs,
SIDACtor devices reset and return to their high off-state impedance.
V-I Characteristics
Advantages
Compared to surge suppression using other technologies, SIDACtor devices offer absolute
surge protection regardless of the surge current available and the rate of applied voltage
(dv/dt). SIDACtor devices:
• Cannot be damaged by voltage
• Eliminate hysteresis and heat dissipation typically found with clamping devices
• Eliminate voltage overshoot caused by fast-rising transients
• Are non-degenerative
• Will not fatigue
• Have low capacitance, making them ideal for high-speed transmission equipment
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS


Similar Part No. - P2300S

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P2300S TECCOR-P2300S Datasheet
423Kb / 2P
   SIDACtor Device
logo
List of Unclassifed Man...
P2300S ETC2-P2300S Datasheet
127Kb / 2P
   SIDACtor Device
logo
Shanghai Yint Electroni...
P2300S YINT-P2300S Datasheet
594Kb / 4P
   Thyristor Surge Suppressors
logo
HuaXinAn Electronics CO...
P2300S1ALRP HUAXINAN-P2300S1ALRP Datasheet
344Kb / 6P
   SIDACtor Protection Thyristors
logo
MDE Semiconductor, Inc.
P2300SA MDE-P2300SA Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
More results

Similar Description - P2300S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
logo
ON Semiconductor
MC3423 ONSEMI-MC3423_05 Datasheet
86Kb / 10P
   Overvoltage Crowbar Sensing Circuit
March, 2005 ??Rev. 5
logo
NEC
UPC3423 NEC-UPC3423 Datasheet
666Kb / 6P
   OVERVOLTAGE CROWBAR SENSING CIRCUIT
logo
Littelfuse
P0300EAL LITTELFUSE-P0300EAL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com