Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66291-11 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY66291-11
Description  1900 to 2000 MHz High Efficiency 4 W Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66291-11 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY66291-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DATA SHEET • SKY66299-11: 1900 TO 2000 MHz HIGH EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203291D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 31, 2017
7
-35
-30
-25
-20
-15
-10
-5
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Figure 15. Input Return Loss vs Frequency
(Small Signal, PIN = −30 dBm)
-35
-30
-25
-20
-15
-10
-5
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Figure 17. Output Return Loss vs Frequency
(Small Signal, PIN = −30 dBm)
-70
-65
-60
-55
-50
-45
-40
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Figure 19. Reverse Isolation vs Frequency
(Small Signal, PIN = −30 dBm)
-23
-22
-21
-20
-19
-18
-17
-16
-15
1930 1935 1940 1945 1950 1955 196019651970 1975 1980 1985 19901995
Frequency (MHz)
+85 ºC
+25 ºC
–40 ºC
Figure 16. Input Return Loss vs Frequency at Different
Temperature (Small Signal, PIN = −20 dBm)
-23
-22
-21
-20
-19
-18
-17
-16
-15
1930 1935 1940 1945 1950 1955 196019651970 1975 1980 1985 19901995
Frequency (MHz)
+85 ºC
+25 ºC
–40 ºC
Figure 18. Output Return Loss vs Frequency at Different
Temperature (Small Signal, PIN = −20 dBm)


Similar Part No. - SKY66291-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66291-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66391-12 SKYWORKS-SKY66391-12 Datasheet
768Kb / 15P
   1800 to 1900 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
logo
Teledyne Technologies I...
UTOUTC2020 TELEDYNE-UTOUTC2020 Datasheet
186Kb / 6P
   Wideband High Efficiency Amplifier 10 to 2000 MHz
logo
Skyworks Solutions Inc.
SKY66394-11 SKYWORKS-SKY66394-11 Datasheet
1Mb / 14P
   2000 to 2300 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
logo
Qorvo, Inc
QPA9942 QORVO-QPA9942 Datasheet
1Mb / 14P
   3300 - 3800 MHz 4 W High-Efficiency Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com