Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66297-11 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY66297-11
Description  2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66297-11 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY66297-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DATA SHEET • SKY66292-11: 2300 TO 2400 MHz HIGH EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203282E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 31, 2017
7
Frequency (MHz)
-30.00
-25.00
-20.00
-15.00
-10.00
–40 °C
+25 °C
+85 °C
2300
2320
2340
2360
2380
2400
Figure 15. Input Return Loss vs Frequency Across Temperature
(Small Signal, PIN = −20 dBm)
Frequency (MHz)
-18.00
-17.00
-16.00
-15.00
-14.00
-13.00
-12.00
-11.00
-10.00
2300
2320
2340
236023802400
–40 °C
+25 °C
+85 °C
Figure 16. Output Return Loss vs Frequency Across Temperature
(Small Signal, PIN = −20 dBm)
Evaluation Board Description
The SKY66292-11 Evaluation Board is used to test the
performance of the SKY66292-11 PA. An Evaluation Board
schematic is provided in Figure 17. Table 6 provides the Bill of
Materials (BOM) list for Evaluation Board components.
An assembly drawing for the Evaluation Board is shown in
Figure 18. Layer details are shown in Figure 19. Layer details
physical characteristics are noted in Figure 20.
Circuit Design Considerations
The following design considerations are general in nature and
must be followed regardless of final use or configuration:
 Paths to ground should be made as short as possible.
 The ground pad of the SKY66292-11 has special electrical and
thermal grounding requirements. This pad is the main thermal
conduit for heat dissipation. Because the circuit board acts as
the heat sink, it must shunt as much heat as possible from the
device.
Therefore, design the connection to the ground pad to dissipate
the maximum wattage produced by the circuit board. Multiple
vias to the grounding layer are required.
NOTE: A poor connection between the ground pad and ground
increases junction temperature (TJ), which reduces the life of the
device.
Evaluation Board Test Procedure
Turn-On Sequence
1.
Connect 50
 test equipment or load to the input and
output RF ports of the Evaluation Board.
2.
Connect the DC ground.
3.
Connect all VCCs and VBIAS lines to a +5 V supply.
Connect PAEN to a 2.0 V supply.
4.
Without applying RF, turn on the 5 V supply, then turn on
the 2 V PAEN.
5.
Apply RF signal data at –30 dBm and observe that the gain
of the device complies with the values in Table 5. Begin
measurements.
Turn-Off Sequence
1.
Turn off the RF input to the device.
2.
Turn off PAEN (set to 0 V).
3.
Turn off all VCCs and VBIAS.
NOTE: It is important to adjust the VCC voltage sources so that
+5 V is measured at the board. High collector currents drop the
collector voltage significantly if long leads are used. Adjust the
bias voltage to compensate.


Similar Part No. - SKY66297-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66297-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66312-11 SKYWORKS-SKY66312-11 Datasheet
1Mb / 15P
   2300 to 2400 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
April 18, 2022
logo
Qorvo, Inc
QPA9940 QORVO-QPA9940_V01 Datasheet
1Mb / 14P
   2300-2400MHz 4 W High-Efficiency Amplifier
Aug 10th, 2021
QPA9940 QORVO-QPA9940 Datasheet
1Mb / 14P
   2300-2400MHz 4 W High-Efficiency Amplifier
logo
Tyco Electronics
PA1159 MACOM-PA1159 Datasheet
61Kb / 1P
   2300-2400 MHz. Ultra Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com