Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66294-11 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY66294-11
Description  3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66294-11 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY66294-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DATA SHEET • SKY66293-21: 3400 TO 3800 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203905D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 31, 2017
11
Stencil Aperture
Top View
Pin 16
Pin 1 Indicator
0.20 X 45°
Pin 1
Package Outline
0.8 mm Pitch
Stencil aperture size for center ground pad should be
80% to 100% (by area) of the solder mask opening
0.125 mm Typ
9X ø0.875 mm
5.3 mm
16X 0.5 mm
16X 0.67 mm
5.3 mm
Pin 16
5.3 mm
7X 0.67 mm
7X 0.5 mm
5.3 mm
0.6 mm Pitch
0.8 mm Pitch
0.25 mm Typ
Package Outline
Thermal via array Ø0.3 mm
on 0.6 mm pitch improves
thermal performance
0.6 mm Pitch
Metallization
Top View
Pin 1
Pin 16
Pin 1 Indicator
0.20 X 45°
Pin 1
0.8 mm Pitch
Package Outline
Solder Mask Opening
Top View
16X 0.6 mm
16X 0.77 mm
5.4 mm
5.4 mm
2X 1.4375 mm
2X 1.4375 mm
Opening size of 60% to 100%
of exposed center opening shown
Notes:
1. Thermal vias should be resin filled and capped in accordance with IPC–4761 type VII vias.
2. Recommended Cu thickness is 30 to 35 μm.
203905-022
Figure 22. SKY66293-21 PCB Layout Footprint


Similar Part No. - SKY66294-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66294-11

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9942 QORVO-QPA9942 Datasheet
1Mb / 14P
   3300 - 3800 MHz 4 W High-Efficiency Amplifier
logo
Skyworks Solutions Inc.
SKY65806-636LF SKYWORKS-SKY65806-636LF Datasheet
141Kb / 2P
   Ultra-High-Band 3400 to 3800 MHz Low-Noise Amplifier
logo
TriQuint Semiconductor
QPA9842 TRIQUINT-QPA9842 Datasheet
645Kb / 8P
   3400 - 3800 MHz 1/4W Balanced Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
logo
Molex Electronics Ltd.
735912040 MOLEX-735912040 Datasheet
314Kb / 1P
   SMSJ CIRCULATOR/3400~3800 MHZ/CW
2022/03/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com