Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66294-11 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY66294-11
Description  1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66294-11 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY66294-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DATA SHEET • SKY66291-11: 1805 TO 1880 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203161E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 31, 2017
9
Table. 6. SKY66291-11 Evaluation Board Bill of Materials (BOM)
Component
Description
Size
C1
Resistor, 0
, 0.063 W
0402
C3
Ceramic capacitor, 1
F, 16 V, ±10%
0402
C4, C7, C9, C11
Ceramic capacitor, 3300 pF, X7R, ±10%, 50 V
0402
C6
Ceramic capacitor, 100 pF
0402
C8, C10, C12
Ceramic capacitor, 10
F, 16 V, ±10% , X7R
1206
L1
DNI
0402
TW21-D690-111
Evaluation Board
J8
J19
C12
C10
C6
C8
C7
C11
C1
L1
C4
C3
U1
C9
J1
203161C-018
PAEN VBIAS GND VCC1 GND VCC2 GND VCC3
Notes:
1. Evaluation Board Gerber files are available on request.
2. The C1 component shown in this assembly is a 0
Ω resistor.
3. The L1 component shown in this assembly is DNI.
RF IN
RF OUT
Figure 18. Evaluation Board Assembly Drawing


Similar Part No. - SKY66294-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66294-11

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
   1805 - 1880 MHz 160 Watt Power Amplifier
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
Qorvo, Inc
QPA9903 QORVO-QPA9903_V01 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
Aug. 10th, 2021
QPA9903 QORVO-QPA9903 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
logo
TriQuint Semiconductor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTFB183404E INFINEON-PTFB183404E_16 Datasheet
911Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04.1, 2016-06-10
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFB183404E INFINEON-PTFB183404E Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com