Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66295-11 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY66295-11
Description  2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66295-11 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY66295-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DATA SHEET • SKY66292-11: 2300 TO 2400 MHz HIGH EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
May 31, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203282E
1
GND
2
GND2
3
4
GND1
C11
C10
11
9
10
C3
C6
C7
C8
RFOUT
17
12
13
14
15
16
RFIN
203282C-017
J8
RFOUT
GND5
GND6
VCC3
8
7
6
C4
5
L1
J7
SMA
GND_PAD
PAEN
SKY66292
C9
C12
PAEN
1
2
3
4
5
6
7
8
8 Header
U1
C1
Notes:
1. The C1 component shown in this assembly is a 0
Ω resistor.
2. The L1 component shown in this assembly is DNI.
VCC1
VCC1
VCC2
VCC3
VCC2
VCC3
VBIAS
VBIAS
Figure 17. SKY66292-11 Evaluation Board Schematic


Similar Part No. - SKY66295-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66295-11 SKYWORKS-SKY66295-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66295-11 SKYWORKS-SKY66295-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66295-11 SKYWORKS-SKY66295-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66295-11 SKYWORKS-SKY66295-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66295-11 SKYWORKS-SKY66295-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66295-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66312-11 SKYWORKS-SKY66312-11 Datasheet
1Mb / 15P
   2300 to 2400 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
April 18, 2022
logo
Qorvo, Inc
QPA9940 QORVO-QPA9940_V01 Datasheet
1Mb / 14P
   2300-2400MHz 4 W High-Efficiency Amplifier
Aug 10th, 2021
QPA9940 QORVO-QPA9940 Datasheet
1Mb / 14P
   2300-2400MHz 4 W High-Efficiency Amplifier
logo
Tyco Electronics
PA1159 MACOM-PA1159 Datasheet
61Kb / 1P
   2300-2400 MHz. Ultra Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com