Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65623-682LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY65623-682LF
Description  GPS/GLONASS/Galileo/Compass Low-Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65623-682LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY65623-682LF_17 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATA SHEET • SKY65623-682LF: GPS/GLONASS/GALILEO/COMPASS LOW-NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
May 3, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203565G
Table 1. SKY65623-682LF Signal Descriptions
Pin
Name
Description
Pin
Name
Description
1
RF_IN
RF input
4
RF_OUT
RF output
2
ENABLE
LNA enable
5
VCC
Supply voltage
3
GND
Ground
Technical Description
The ENABLE signal (pin 2) enables or disables the LNA DC power.
A logic high signal powers on the LNA and a logic low signal
powers off the device.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY65623-682LF are
provided in Table 2. The recommended operating conditions are
specified in Table 3, and electrical specifications are provided in
Tables 4 and 5.
Table 2. SKY65623-682LF Absolute Maximum Ratings1
Parameter
Symbol
Minimum
Maximum
Units
RF input power
PIN
0
dBm
Supply voltage
VCC
0
4.5
V
Enable voltage
VEN
0
3.6
V
Storage temperature
TSTG
–55
+125
C
Junction temperature
TJ
+125
C
Electrostatic discharge:
Charged Device Model (CDM), Class C1
Human Body Model (HBM), Class 2
ESD
250
2000
V
V
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters
set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
Specifications are based on simulations.
ESD HANDLING: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device.
This device must be protected at all times from ESD when handling or transporting. Static charges may easily produce
potentials of several kilovolts on the human body or equipment, which can discharge without detection.
Industry-standard ESD handling precautions should be used at all times.
Table 3. SKY65623-682LF Recommended Operating Conditions1
Parameter
Symbol
Min
Typ
Max
Units
Frequency range
f
1559
1575
1606
MHz
Supply voltage (measured at terminals of
Evaluation Board)
VCC
1.5
1.8
3.6
V
Enable voltage
VEN
1.5
1.8
3.6
V
Case operating temperature
TC
–40
+85
C
1 Specifications based on simulations.
Enable OFF voltage: 0.3 V (highest)
Enable ON voltage: VCC–0.3 V (lowest)


Similar Part No. - SKY65623-682LF_17

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65623-682LF-EVB SKYWORKS-SKY65623-682LF-EVB Datasheet
645Kb / 8P
   GPS/GLONASS/Galileo/Compass radio receivers
SKY65623-682LF_017 SKYWORKS-SKY65623-682LF_017 Datasheet
645Kb / 8P
   GPS/GLONASS/Galileo/Compass radio receivers
More results

Similar Description - SKY65623-682LF_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL21G ASB-ASL21G Datasheet
3Mb / 35P
   Low Noise GPS, GLONASS, Galileo,Compass Amplifier
January 2017
ASL20G ASB-ASL20G_17 Datasheet
1Mb / 16P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
ASL20G ASB-ASL20G_13 Datasheet
710Kb / 10P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
September 2013
ASL21X ASB-ASL21X_17 Datasheet
2Mb / 23P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
January 2017
logo
NXP Semiconductors
BGU8103 NXP-BGU8103 Datasheet
113Kb / 12P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 3-18 January 2017
BGU6009 NXP-BGU6009 Datasheet
154Kb / 10P
   Low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4 ??18 January 2017
BGU6005 NXP-BGU6005 Datasheet
118Kb / 10P
   Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 2-31 January 2017
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
BGU8004 NXP-BGU8004 Datasheet
282Kb / 18P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-31 January 2014
GPS1502L NXP-GPS1502L Datasheet
195Kb / 15P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 5 ??22 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com