Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XLN318 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # XLN318
Description  IDT XO LVPECL Crystal Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLN318 Datasheet(HTML) 3 Page - Integrated Device Technology

  XLN318 Datasheet HTML 1Page - Integrated Device Technology XLN318 Datasheet HTML 2Page - Integrated Device Technology XLN318 Datasheet HTML 3Page - Integrated Device Technology XLN318 Datasheet HTML 4Page - Integrated Device Technology XLN318 Datasheet HTML 5Page - Integrated Device Technology XLN318 Datasheet HTML 6Page - Integrated Device Technology XLN318 Datasheet HTML 7Page - Integrated Device Technology XLN318 Datasheet HTML 8Page - Integrated Device Technology XLN318 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
JUNE 20, 2017
3
IDT XO LVPECL CRYSTAL OSCILLATOR
XUQ DATASHEET
DC Characteristics
(VDD = 3.3V ±5%, TA = - 20°C to +70°C; -40° to +85°C). Below are guaranteed for listed standard frequencies.
* A pullup resistor from pin 6 (VDD) to pin 1 (E/D) enables output when pin 1 is left open.
AC Characteristics
(VDD = 3.3V ±5%, TA = - 20°C to +70°C; -40° to +85°C). Below are guaranteed for listed standard frequencies.
Note: Inclusive of initial frequency accuracy, operating temperature range, supply variation, load variation, 3 times solder reflow, shock, vibration and 1 year aging at 25°C. We do not
recommend hand soldering the devices.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply Current
IDD
<212.5MHz
>212.5MHz
115
128
mA
Output HIGH Voltage
VOH
Std LVPECL load
1.85
2.3
V
Output LOW Voltage
VOL
Std LVPECL load
1.1
1.65
V
Enable/Disable Input HIGH Voltage
(Output enabled)*
VIH
70%VDD
V
Enable/Disable Input LOW Voltage
(Output disabled)
VIL
30%VDD
V
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Frequency Range
FOUTR
0.016
670
MHz
Frequency Stability
Temperature = -20°C to +70°C
±20
±100
ppm
Temperature = -40°C to +85°C
±25
±100
ppm
Aging (1st year)
Ta = 25°C
3
ppm
Aging (10 years)
Ta = 25°C
10
ppm
Output Load
To VDD-2.0V
50
Ohms
Start-up Time
TST
Output valid time after VDD meets
minimum specified level
10
ms
Output Rise Time
20% to 80% VPP, Std frequencies
400
ps
Output Fall Time
80% to 20% VPP, Std frequencies
400
ps
Output Clock Duty Cycle
TDTCY
50% VPP
<312.5MHz
>312.5MHz
45
40
55
60
%
Output Enable/ Disable Time
TOE
100
ns
Period Jitter, RMS
JPER
Frequency = 156.25MHz
1.8
7
ps
Random Jitter
RJ
Frequency = 156.25MHz
Per MJSQ spec (Methodologies for
Jitter and Signal Quality specifications)
0.7
1.8
ps
Deterministic Jitter
DJ
824
ps
Total Jitter
TJ
18
42
ps
Phase Jitter (12kHz – 20MHz)
JITTER
Standard frequencies at 25°C, 3.3V
300
400
fs
Phase Noise Performance
Frequency = 156.25MHz
NOISE
100Hz of Carrier
-95
dBc/Hz
1kHz of Carrier
-115
dBc/Hz
10kHz of Carrier
-120
dBc/Hz
100kHz of Carrier
-129
dBc/Hz
1MHz of Carrier
-149
dBc/Hz
10MHz of Carrier
-156
dBc/Hz
Output Frequency (Standards)
FOUT
100MHz, 106.25MHz, 125MHz, 150MHz, 155.52MHz, 156.25MHz, 200MHz, 212,5MHz,
250MHz, 300MHz, 312.5MHZ, 400MHz (Contact IDT for additional frequencies)


Similar Part No. - XLN318

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XLN30052 ETC2-XLN30052 Datasheet
4Mb / 5P
   Compact, high density, 1U package
logo
B&K Precision Corporati...
XLN30052 BK-XLN30052 Datasheet
4Mb / 5P
   Programmable DC Power Supplies
logo
List of Unclassifed Man...
XLN3640 ETC2-XLN3640 Datasheet
4Mb / 5P
   Compact, high density, 1U package
logo
B&K Precision Corporati...
XLN3640 BK-XLN3640 Datasheet
4Mb / 5P
   Programmable DC Power Supplies
More results

Similar Description - XLN318

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XUP IDT-XUP_17 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
   IDT XO HCMOS Crystal Oscillator
XLH IDT-XLH_17 Datasheet
341Kb / 13P
   IDT XO HCMOS Crystal Oscillator
XUN IDT-XUN_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
   LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com