Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C106 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C106
Description  Pentium/Pro System Clock Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C106 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C106 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PI6C106
Pentium/ProTM System Clock Chip
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
7
PS8546A
07/13/01
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OV H
O
I H
O
A
m
2
1
–
=6
.
2
V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OV L
O
I L
O
A
m
9
=4
.
0
t
n
e
rr
u
C
h
g
i
H
t
u
p
t
u
OI H
O
V H
O
V
0
.
2
=2
2
–
A
m
t
n
e
rr
u
C
w
o
L
t
u
p
t
u
OI L
O
V L
O
V
8
.
0
=6
1
e
m
i
T
e
si
Rtr
V L
O
V
,
V
4
.
0
=
H
O
V
4
.
2
=2
s
n
e
m
i
T
ll
a
Ftf )
1
(
V H
O
V
,
V
4
.
2
=
L
O
V
4
.
0
=2
el
c
y
C
y
t
u
Ddt
VT
V
5
.
1
=3
55
5%
,r
e
tt
i
Ja
m
g
i
S
e
n
Ot s
1
j
VT
V
5
.
1
=3
s
n
e
t
u
l
o
s
b
A
,r
e
tt
i
Jt s
b
a
j
VT
V
5
.
1
=5
–5
ElectricalCharacteristics-REF0
TA = 0°C - 70°C; VDD = VDDL = 3.3V ±10%, CL = 50pF (unless otherwise stated).
Note: 1. Guaranteed by design, not 100% tested in production.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OV H
O
I H
O
A
m
2
1
–
=0
.
2
V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OV L
O
I L
O
A
m
2
1
=4
.
0
t
n
e
rr
u
C
h
g
i
H
t
u
p
t
u
OI H
O
V H
O
V
7
.
1
=6
1
–
A
m
t
n
e
rr
u
C
w
o
L
t
u
p
t
u
OI L
O
V L
O
V
7
.
0
=9
1
e
m
i
T
e
si
Rt 2r
V L
O
V
,
V
4
.
0
=
H
O
V
0
.
2
=6
.
1
s
n
e
m
i
T
ll
a
Ft 2f
V H
O
V
,
V
0
.
2
=
L
O
V
4
.
0
=6
.
1
el
c
y
C
y
t
u
Dd 2t
VT
V
5
2
.
1
=5
45
5%
,r
e
tt
i
Ja
m
g
i
S
e
n
O
)
1
(
t s
1
j
VT
V
5
.
1
=3
s
n
e
t
u
l
o
s
b
A
,r
e
tt
i
J
)
1
(
t s
b
a
j
VT
V
5
.
1
=6
–6
ElectricalCharacteristics-IOAPIC
TA = 0°C - 70°C; VDD = VDDL = 3.3V ±10%, CL = 20pF (unless otherwise stated).
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OV H
O
I H
O
A
m
1
1
–
=4
.
2
V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OV L
O
I L
O
A
m
4
.
9
=4
.
0
t
n
e
rr
u
C
h
g
i
H
t
u
p
t
u
OI H
O
V H
O
V
0
.
2
=8
1
–
A
m
t
n
e
rr
u
C
w
o
L
t
u
p
t
u
OI L
O
V L
O
V
8
.
0
=2
1
e
m
i
T
e
si
Rtr
V L
O
V
,
V
4
.
0
=
H
O
V
4
.
2
=5
.
2
s
n
e
m
i
T
ll
a
Ftf
V H
O
V
,
V
4
.
2
=
L
O
V
4
.
0
=5
.
2
el
c
y
C
y
t
u
D
)
1
(
dt
VT
V
5
.
1
=5
45
5%
,r
e
tt
i
Ja
m
g
i
S
e
n
O
)
1
(
t s
1
j
VT
V
5
.
1
=3
s
n
e
t
u
l
o
s
b
A
,r
e
tt
i
J
)
1
(
t s
b
a
j
VT
V
5
.
1
=6
–6
Electrical Characteristics - 48M
TA = 0°C - 70°C; VDD = VDDL = 3.3V ±5%, CL = 20pF (unless otherwise stated).


Similar Part No. - PI6C106

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
More results

Similar Description - PI6C106

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-55 ICST-ICS9248-55 Datasheet
271Kb / 10P
   Pentium/Pro/IITM System Clock Chip
logo
Renesas Technology Corp
ICS9248-55 RENESAS-ICS9248-55 Datasheet
275Kb / 10P
   Pentium/Pro/IITM System Clock Chip
12/04/98
logo
Integrated Circuit Syst...
ICS9148-25 ICST-ICS9148-25 Datasheet
408Kb / 13P
   Pentium/Pro System and Cyrix Clock Chip
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
   Pentium/ProTM System Clock Chip
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
   Pentium/ProTM System Clock Chip
2019
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
   Pentium/ProTM System Clock Chip
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
   Pentium/ProTM System Clock Chip
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
   Pentium/ProTM System Clock Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com