Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHB38N02LT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHB38N02LT
Description  TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHB38N02LT Datasheet(HTML) 5 Page - NXP Semiconductors

  PHB38N02LT Datasheet HTML 1Page - NXP Semiconductors PHB38N02LT Datasheet HTML 2Page - NXP Semiconductors PHB38N02LT Datasheet HTML 3Page - NXP Semiconductors PHB38N02LT Datasheet HTML 4Page - NXP Semiconductors PHB38N02LT Datasheet HTML 5Page - NXP Semiconductors PHB38N02LT Datasheet HTML 6Page - NXP Semiconductors PHB38N02LT Datasheet HTML 7Page - NXP Semiconductors PHB38N02LT Datasheet HTML 8Page - NXP Semiconductors PHB38N02LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
PHB/PHD38N02LT
TrenchMOS™ logic level FET
Product data
Rev. 01 — 30 June 2003
5 of 13
9397 750 11614
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
5.
Characteristics
Table 4:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 250 µA; VGS =0V
Tj =25 °C
20
--V
Tj = −55 °C
18
--V
VGS(th)
gate-source threshold voltage
ID = 250 µA; VDS =VGS; Figure 9
Tj =25 °C
0.5
1
1.5
V
Tj = 175 °C
0.3
-
-
V
Tj = −55 °C
-
-
1.8
V
IDSS
drain-source leakage current
VDS =20V; VGS =0V
Tj =25 °C
-
0.05
1
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate-source leakage current
VGS = ±12 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state resistance
VGS =5V; ID =25A; Figure 7 and 8
Tj =25 °C
-
13.5
16
m
Tj = 175 °C
-
24.3
28.8
m
VGS = 2.5 V; ID =8A; Figure 8
-
2030m
Dynamic characteristics
Qg(tot)
total gate charge
ID = 25 A; VDD =10V; VGS =5V; Figure 13
-
15.1
-
nC
Qgs
gate-source charge
-
4.5
-
nC
Qgd
gate-drain (Miller) charge
-
4.2
-
nC
Ciss
input capacitance
VGS =0V; VDS = 20 V; f = 1 MHz; Figure 11
-
800
-
pF
Coss
output capacitance
-
260
-
pF
Crss
reverse transfer capacitance
-
190
-
pF
td(on)
turn-on delay time
VDD =10V; ID = 25 A; VGS = 10 V; RG = 5.6 Ω
-4
-ns
tr
rise time
-
12.5
-
ns
td(off)
turn-off delay time
-
30
-
ns
tf
fall time
-23
-
ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 25 A; VGS =0V; Figure 12
-
0.98
1.2
V


Similar Part No. - PHB38N02LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB30NQ15T PHILIPS-PHB30NQ15T Datasheet
98Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHB32N06LT PHILIPS-PHB32N06LT Datasheet
274Kb / 13P
   N-channel enhancement mode field effect transistor
Rev. 01-06 November 2001
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
logo
Nexperia B.V. All right...
PHB32N06LT NEXPERIA-PHB32N06LT Datasheet
856Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02 - 30 November 2009
logo
NXP Semiconductors
PHB33NQ20T PHILIPS-PHB33NQ20T Datasheet
84Kb / 13P
   N-channel TrenchMOS??standard level FET
Rev. 01-8 November 2004
More results

Similar Description - PHB38N02LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com