Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQM2MPN2R2G0L Datasheet(PDF) 1 Page - STMicroelectronics

Part # LQM2MPN2R2G0L
Description  High-performance class-G stereo headphone amplifier with I2C volume control
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQM2MPN2R2G0L Datasheet(HTML) 1 Page - STMicroelectronics

  LQM2MPN2R2G0L Datasheet HTML 1Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 2Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 3Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 4Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 5Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 6Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 7Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 8Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
September 2011
Doc ID 022194 Rev 2
1/48
48
TS4621B
High-performance class-G stereo headphone amplifier
with I2C volume control
Features
Power supply range: 2.3 V to 4.8 V
0.6 mA/channel quiescent current
2.1 mA current consumption with
100 µW/channel (10 dB crest factor)
0.006% typical THD+N at 1 kHz
100 dB typical PSRR at 217 Hz
100 dB of SNR A-weighted at G = 0 dB
Zero pop and click
I2C interface for volume control
Digital volume control range from -60 dB to
+4 dB
Independent right and left channel shutdown
control
Integrated high-efficiency step-down converter
Low software standby current: 5 µA max
Output-coupling capacitors removed
Thermal shutdown
Flip-chip package: 1.65 mm x 1.65 mm,
400 µm pitch, 16 bumps
Applications
Cellular phones, smart phones
Mobile internet devices
PMP/MP3 players
Description
The TS4621B is a class-G stereo headphone
driver dedicated to high audio performance, high
power efficiency and space-constrained
applications.
It is based on the core technology of a low power
dissipation amplifier combined with a high-
efficiency step-down DC/DC converter for
supplying this amplifier.
When powered by a battery, the internal step-
down DC/DC converter generates the appropriate
voltage to the amplifier depending on the
amplitude of the audio signal to supply the
headsets. It achieves a total 2.1 mA current
consumption at 100 µW output power (10 dB
crest factor).
THD+N is 0.02 % maximum at 1 kHz and PSRR
is 100 dB at 217 Hz, which ensures a high audio
quality of the device in a wide range of
environments.
The traditionally bulky output coupling capacitors
can be removed.
A dedicated common-mode sense pin removes
parasitic ground noise.
The TS4621B is designed to be used with an
output serial resistor. It ensures unconditional
stability over a wide range of capacitive loads.
The TS4621B is packaged in a tiny 16-bump
flip-chip package with a pitch of 400 µm.
TS4621BEIJT - flip-chip
Balls are underneath
Pinout (top view)
AVDD
SW
INL-
C1
CMS
SDA
AGND
C2
HPVDD
VOUTL
VOUTR
INL+
INR+
PVSS
SCL
INR-
43
2
1
A
B
C
D
AVDD
SW
INL-
C1
CMS
SDA
AGND
C2
HPVDD
VOUTL
VOUTR
INL+
INR+
PVSS
SCL
INR-
43
2
1
A
B
C
D
www.st.com


Similar Part No. - LQM2MPN2R2G0L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM2MPN2R2MG0 MURATA-LQM2MPN2R2MG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPN2R2MGH MURATA-LQM2MPN2R2MGH Datasheet
95Kb / 2P
   LQM2MPN_GH Series 2016/0806 (mm/inch) Inductors (Coils) for Power Lines
LQM2MPN2R2NG0 MURATA-LQM2MPN2R2NG0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQM2MPN2R2NG0 MURATA-LQM2MPN2R2NG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
More results

Similar Description - LQM2MPN2R2G0L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
[Old version datasheet]   Class G Headphone Amplifier with I2C Volume Control
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
   Class G Headphone Amplifier with I2C Volume Control
logo
STMicroelectronics
A22H165 STMICROELECTRONICS-A22H165 Datasheet
2Mb / 36P
   High-performance class-G stereo headphone amplifier
March 2014 Rev 1
TS4621ML STMICROELECTRONICS-TS4621ML Datasheet
2Mb / 40P
   High-performance class-G stereo headphone amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com