Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1874 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS1874
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874 Datasheet(HTML) 1 Page - STMicroelectronics

  TS1874 Datasheet HTML 1Page - STMicroelectronics TS1874 Datasheet HTML 2Page - STMicroelectronics TS1874 Datasheet HTML 3Page - STMicroelectronics TS1874 Datasheet HTML 4Page - STMicroelectronics TS1874 Datasheet HTML 5Page - STMicroelectronics TS1874 Datasheet HTML 6Page - STMicroelectronics TS1874 Datasheet HTML 7Page - STMicroelectronics TS1874 Datasheet HTML 8Page - STMicroelectronics TS1874 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
November 2012
Doc ID 6992 Rev 7
1/25
25
TS187x, TS187xA
1.8 V input/output, rail-to-rail, low power operational amplifiers
Datasheet — production data
Features
Operating range from VCC = 1.8 to 6 V
Rail-to-rail input and output
Extended Vicm (VCC- - 0.2 V to VCC+ + 0.2 V)
Low supply current (400 µA)
Gain bandwidth product (1.6 MHz)
High unity gain stability
ESD tolerance (2 kV)
Latch-up immunity
Available in
– SOT23-5 micropackage
– MiniSO-8, SO-8, SO-14
– TSSOP8, TSSOP14 package
Applications
Battery powered applications (toys)
Portable communication devices (cell phones)
Audio drivers (headphone drivers)
Laptop/notebook computers
Description
The TS187x (single, dual and quad) device can
operate with voltages as low as 1.8 V. They
feature both input and output rail-to-rail.
The common mode input voltage extends 200 mV
beyond the supply voltages at 25 °C, while the
output voltage swing is within 100 mV of each rail
with a 600
Ω load resistor. The devices consume
typically 400 µA per channel while offering
1.6 MHz of gain bandwidth product. The
amplifiers provide a high output drive capability at
typically 65 mA loads.
These features make the TS187x family ideal for
sensor interface, battery supplied and portable
applications.
Table 1.
Device summary
Reference
Single
version
Dual
version
Quad
version
TS187x
TS1871
TS1872
TS1874
TS187xA
TS1871A
TS1872A
TS1874A
TS1872ID/IDT-TS1872IST-TS1872IPT
1
2
3
5
4
VCC-
VCC+
In-
Out
In+
V
CC-
1
2
3
5
4
8
7
6
N.C.
N.C.
In+
In-
Out
+
_
N.C.
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
V
CC-
1
2
3
11
4
14
13
12
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
8
10
9
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
V
CC+
V
CC-
1
2
3
11
4
14
13
12
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
8
10
9
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
V
CC+
TS1871ID/IDT
TS1871ILT
TS1874ID/IDT-TS1874IPT
www.st.com


Similar Part No. - TS1874

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1874 STMICROELECTRONICS-TS1874 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1874 STMICROELECTRONICS-TS1874 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1874 STMICROELECTRONICS-TS1874 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
TS1874AI STMICROELECTRONICS-TS1874AI Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1874AID STMICROELECTRONICS-TS1874AID Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
More results

Similar Description - TS1874

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
logo
Texas Instruments
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com