Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1040860410 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1040860410
Description  IllumiMate 1.25mm Pitch Wire-to-Board Header, Single Row, 4 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1040860410 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1040860410 Datasheet HTML 1Page - Molex Electronics Ltd. 1040860410 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/23/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1040860410
Status:
Active
Overview:
IllumiMate™ Connector System
Description:
IllumiMate™ 1.25mm Pitch Wire-to-Board Header, Single Row, 4 Circuits
Documents:
3D Model
Packaging Specification PK-104086-001-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-104086-001-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
104086
Application
Signal, Wire-to-Board
Overview
IllumiMate™ Connector System
Product Name
IllumiMate™
UPC
884982467941
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Natural
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Nickel, Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
0.123/g
Number of Rows
1
Orientation
Right Angle
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.25mm
Temperature Range - Operating
-25°C to +130°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
200V
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
003
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-104086-001-001
Product Specification
PS-104086-001-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
104086 Series
Mates With
104085-0400 , 104085-0410 , 101085-0420
IllumiMate™ 1.25mm Pitch Wire-to-Board
Crimp Housing


Similar Part No. - 1040860410

ManufacturerPart #DatasheetDescription
logo
SICK AG
1040860 SICK-1040860 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - 1040860410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1040780610 MOLEX1-1040780610 Datasheet
35Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Single Row, 6 Circuits
1040850400 MOLEX1-1040850400 Datasheet
35Kb / 1P
   IllumiMate 1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 4 Circuits
104085-0400 MOLEX11-104085-0400 Datasheet
42Kb / 1P
   IllumiMate??1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 4 Circuits
1040911520 MOLEX1-1040911520 Datasheet
33Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1041300510 MOLEX1-1041300510 Datasheet
32Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1040912520 MOLEX1-1040912520 Datasheet
32Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1040910520 MOLEX1-1040910520 Datasheet
31Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1040991017 MOLEX1-1040991017 Datasheet
31Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1040912020 MOLEX1-1040912020 Datasheet
32Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1041300310 MOLEX1-1041300310 Datasheet
33Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com