Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS60-HKKB3K02 Datasheet(PDF) 2 Page - SICK AG

Part # SFS60-HKKB3K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SFS60-HKKB3K02 Datasheet(HTML) 2 Page - SICK AG

  SFS60-HKKB3K02 Datasheet HTML 1Page - SICK AG SFS60-HKKB3K02 Datasheet HTML 2Page - SICK AG SFS60-HKKB3K02 Datasheet HTML 3Page - SICK AG SFS60-HKKB3K02 Datasheet HTML 4Page - SICK AG SFS60-HKKB3K02 Datasheet HTML 5Page - SICK AG SFS60-HKKB3K02 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SFS60-HKKB3K02 | SFS/SFM60
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Illustration may differ
Ordering information
Type
Part no.
SFS60-HKKB3K02
On request
Other models and accessories
www.sick.com/SFS_SFM60
Detailed technical data
Performance
Number of sine/cosine periods per revolu-
tion
1,024
Number of the absolute ascertainable revo-
lutions
1
Total number of steps
32,768
Measuring step
0.3 Winkelsekunden For interpolation of the sine/cosine signals with, e. g., 12 bits
Integral non-linearity
± 45 Winkelsekunden, Error limits for evaluating sine/cosine period, without mechanical ten-
sion of the stator coupling
Differential non-linearity
± 7 Winkelsekunden, Non-linearity within a sine/cosine period
Operating speed
6,000 
min⁻¹, up to which the absolute position can be reliably produced
Interfaces
Type of code for the absolute value
Binary
Code sequence
Rising, For clockwise shaft rotation, looking in direction “A” (see dimensional drawing)
Communication interface
HIPERFACE®
Available memory area
1,792 Byte
Electrical data
Supply voltage range
7 V DC ... 12 V DC
Recommended supply voltage
8 V DC
Operating power consumption (no load)
< 80 mA 1)
Output frequency for sine/cosine signals
0 kHz ... 200 kHz
1) Without load.
Mechanical data
Shaft version
Blind hollow shaft
Shaft diameter
8 mm
Shaft material
Stainless steel
Flange material
Zinc diecast
1) Take into account self-heating of 3.3 K per 1,000 rpm when designing the operating temperature range.
2
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-06-26 23:15:04
Subject to change without notice


Similar Part No. - SFS60-HKKB3K02

ManufacturerPart #DatasheetDescription
logo
SICK AG
SFS60-HKKB0K02 SICK-SFS60-HKKB0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFS60-HKKB1K02 SICK-SFS60-HKKB1K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFS60-HKKB2K02 SICK-SFS60-HKKB2K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results

Similar Description - SFS60-HKKB3K02

ManufacturerPart #DatasheetDescription
logo
SICK AG
SRM50-HWA0-K22 SICK-SRM50-HWA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HUA0-K21 SICK-SRM50-HUA0-K21 Datasheet
882Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKS36S-HFA0-K02 SICK-SKS36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36S-HFA0-K02 SICK-SKM36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36-HVA0-K02 SICK-SKM36-HVA0-K02 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SEK52-HNA0-K02 SICK-SEK52-HNA0-K02 Datasheet
1,010Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRS50-HAA0-K22 SICK-SRS50-HAA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50S-HFA0-K21 SICK-SRM50S-HFA0-K21 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HXA0-K22 SICK-SRM50-HXA0-K22 Datasheet
998Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HPKT0K02 SICK-SFM60-HPKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HNKT0K02 SICK-SFM60-HNKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com