Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE68633-T1 Datasheet(PDF) 8 Page - NEC

Part # NE68633-T1
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE68633-T1 Datasheet(HTML) 8 Page - NEC

Back Button NE68633-T1 Datasheet HTML 3Page - NEC NE68633-T1 Datasheet HTML 4Page - NEC NE68633-T1 Datasheet HTML 5Page - NEC NE68633-T1 Datasheet HTML 6Page - NEC NE68633-T1 Datasheet HTML 7Page - NEC NE68633-T1 Datasheet HTML 8Page - NEC NE68633-T1 Datasheet HTML 9Page - NEC NE68633-T1 Datasheet HTML 10Page - NEC NE68633-T1 Datasheet HTML 11Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE686 SERIES
NE68633
VCE = 1.0 V, IC = 1.0 mA
0.1
0.951
-4.800
3.286
170.200
0.022
85.000
0.992
-4.400
0.139
21.742
0.4
0.916
-20.800
3.203
154.600
0.079
74.800
0.958
-17.000
0.196
16.079
0.8
0.793
-39.700
2.914
131.500
0.142
62.200
0.862
-31.200
0.386
13.122
1.0
0.723
-47.500
2.730
121.800
0.167
57.400
0.811
-37.000
0.471
12.134
1.5
0.560
-65.000
2.338
100.900
0.212
48.200
0.685
-48.700
0.663
10.425
2.0
0.415
-78.500
2.017
83.600
0.242
42.800
0.588
-57.400
0.832
9.209
2.5
0.304
-92.200
1.786
69.500
0.266
39.500
0.518
-65.000
0.947
8.270
3.0
0.222
-104.600
1.607
57.600
0.290
37.600
0.468
-72.500
1.025
6.458
4.0
0.100
-144.900
1.389
38.200
0.347
34.900
0.402
-87.600
1.079
4.313
5.0
0.095
123.200
1.260
21.000
0.422
30.400
0.349
-107.900
1.057
3.286
0.1
0.889
-8.500
8.189
167.000
0.021
85.000
0.973
-7.600
0.147
25.910
0.4
0.750
-33.500
7.038
139.600
0.070
70.100
0.847
-26.100
0.380
20.024
0.8
0.519
-53.800
5.176
112.800
0.114
61.600
0.658
-39.300
0.661
16.571
1.0
0.432
-59.900
4.470
103.500
0.133
59.500
0.592
-42.900
0.760
15.265
1.5
0.285
-69.900
3.309
86.100
0.175
56.700
0.481
-48.700
0.920
12.767
2.0
0.186
-74.600
2.641
72.600
0.217
54.200
0.419
-53.200
1.002
10.604
2.5
0.113
-78.500
2.218
61.600
0.259
51.400
0.379
-58.600
1.038
8.139
3.0
0.065
-74.200
1.934
51.900
0.301
48.100
0.353
-65.200
1.051
6.692
4.0
0.019
36.600
1.606
35.700
0.384
40.600
0.311
-81.600
1.044
4.938
5.0
0.099
72.600
1.426
20.500
0.467
31.800
0.262
-104.700
1.023
3.921
VCE = 1.0 V, IC = 5.0 mA
0.1
0.826
-11.900
11.534
163.800
0.021
84.800
0.955
-9.700
0.176
27.398
0.4
0.623
-40.600
8.878
130.600
0.064
69.300
0.761
-30.000
0.507
21.421
0.8
0.385
-57.600
5.834
104.700
0.105
64.100
0.563
-39.700
0.796
17.448
1.0
0.311
-61.900
4.901
96.300
0.123
63.100
0.507
-41.700
0.877
16.004
1.5
0.193
-66.600
3.501
81.000
0.169
60.900
0.424
-45.400
0.986
13.163
2.0
0.121
-64.700
2.751
69.000
0.216
58.000
0.379
-49.200
1.029
9.999
2.5
0.069
-57.300
2.294
58.900
0.263
54.300
0.349
-54.800
1.043
8.138
3.0
0.043
-32.000
1.986
49.900
0.307
50.300
0.329
-61.900
1.049
6.761
4.0
0.047
46.100
1.640
34.400
0.394
41.600
0.292
-79.400
1.034
5.066
5.0
0.120
65.700
1.452
19.800
0.477
32.000
0.243
-103.700
1.016
4.066
VCE = 2.0 V, IC = 3.0 mA
0.1
0.894
-7.900
8.161
167.300
0.018
84.000
0.978
-7.000
0.161
26.565
0.4
0.766
-31.100
7.109
141.000
0.066
71.500
0.862
-24.300
0.372
20.323
0.8
0.544
-50.100
5.308
114.600
0.109
62.900
0.682
-37.000
0.650
16.875
1.0
0.460
-55.400
4.601
105.300
0.127
60.800
0.618
-40.500
0.749
15.590
1.5
0.311
-63.800
3.423
88.000
0.168
57.800
0.509
-46.200
0.908
13.091
2.0
0.217
-66.800
2.731
74.700
0.209
55.500
0.448
-50.500
0.990
11.162
2.5
0.147
-67.800
2.297
63.800
0.249
52.600
0.409
-55.600
1.028
8.616
3.0
0.102
-63.900
2.002
54.100
0.290
49.400
0.384
-61.800
1.042
7.129
4.0
0.042
-34.200
1.655
38.200
0.370
42.400
0.345
-76.800
1.038
5.306
5.0
0.068
52.700
1.475
23.200
0.453
34.000
0.296
-97.100
1.018
4.311
VCE = 1.0 V, IC = 3.0 mA
Note:
1. Gain Calculation:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Coordinates in Ohms
Frequency in GHz
(VCE = 1 V, IC = 3 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S11
0.1 GHz
S22
5 GHz
S11
5 GHz
S22
0.1 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
.3
.4
.2
7.5
5
2.5
.1
S21
5 GHz
S12
5 GHz
S12
0.1 GHz
S21
0.1 GHz


Similar Part No. - NE68633-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE68633-T1 CEL-NE68633-T1 Datasheet
258Kb / 12P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68633-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE688 CEL-NE688 Datasheet
347Kb / 20P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE685 NEC-NE685 Datasheet
176Kb / 17P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 NEC-NE687 Datasheet
196Kb / 21P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687 CEL-NE687 Datasheet
314Kb / 22P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE685 CEL-NE685 Datasheet
354Kb / 18P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE686 CEL-NE686 Datasheet
258Kb / 12P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE688 NEC-NE688 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
   SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com