Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SC12025 Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # E48SC12025
Description  300W DC/DC Power Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC12025 Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button E48SC12025 Datasheet HTML 5Page - Delta Electronics, Inc. E48SC12025 Datasheet HTML 6Page - Delta Electronics, Inc. E48SC12025 Datasheet HTML 7Page - Delta Electronics, Inc. E48SC12025 Datasheet HTML 8Page - Delta Electronics, Inc. E48SC12025 Datasheet HTML 9Page - Delta Electronics, Inc. E48SC12025 Datasheet HTML 10Page - Delta Electronics, Inc. E48SC12025 Datasheet HTML 11Page - Delta Electronics, Inc. E48SC12025 Datasheet HTML 12Page - Delta Electronics, Inc. E48SC12025 Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
DS_E48SC12025_05162016
E-mail: dcdc@deltaww.com
http://www.deltaww.com/dcdc
P9
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input source
is recommended. If the source inductance is more than
a few μH, we advise adding a 100μF electrolytic
capacitor (ESR < 0.2 Ω at 100 kHz) mounted close to
the input of the module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
layout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design.
Below is the reference
design for an input filter and tested result which can
meet class B in CISSPR 22.
Schematic:
Test result:
25C, 48Vin, full load, Green line is average peak
mode and blue line is quasi mode.
Safety Considerations
The power module must be installed in compliance with
the spacing and separation requirements of the end-
user’s
safety agency standard, i.e., UL60950-1, CSA C22.2 NO.
60950-1 2nd, IEC 60950-1 2nd : 2005,EN 60950-1 2nd:
2006+A11+A1: 2010, if the system in which the power
module is to be used must meet safety agency
requirements.
When the input source is SELV, the power module meets
SELV (safety extra-low voltage) requirements. If the input
source is a hazardous voltage which is greater than 60
Vdc
and less than or equal to 75 Vdc, for the module’s
output to meet SELV requirements, all of the following
must be met:
The input source must be insulated from the ac mains
by reinforced or double insulation.
The input terminals of the module are not operator
accessible.
One Vout pin is grounded.
A SELV reliability test is conducted on the system
where the module is used, in combination with the
module, to ensure hazardous voltage does not appear
at the module’s output.
When installed into a Class II equipment (without
grounding), spacing consideration should be given to the
end-use installation, as the spacing between the module
and mounting surface have not been evaluated.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
This power module is not internally fused. To achieve
optimum safety and system protection, an input line fuse is
highly recommended. The safety agencies require a
normal-blow fuse with 20A maximum rating to be installed
in the ungrounded lead. A lower rated fuse can be used
based on the maximum inrush transient energy and
maximum input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and/or drying may lower the
reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and/or drying is especially important for un-encapsulated
and/or open frame type power modules. For assistance on
appropriate soldering and cleaning procedures, please
contact Delta’s technical support team.


Similar Part No. - E48SC12025

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SC12005NMFA DELTA-E48SC12005NMFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SC12005NNFA DELTA-E48SC12005NNFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SC12005NNFA DELTA-E48SC12005NNFA Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA Datasheet
449Kb / 15P
   Industry standard pin out
More results

Similar Description - E48SC12025

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_14 Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
logo
ETA-USA
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
   300W DC/DC
logo
BOSER Technology Co., L...
MPD-830R BOSER-MPD-830R Datasheet
82Kb / 1P
   300W DC-DC ATX Power Supply
logo
Wall Industries,Inc.
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
   300W DC-DC Converter
logo
STMicroelectronics
GS300T48-5 STMICROELECTRONICS-GS300T48-5 Datasheet
75Kb / 6P
   300W DC-DC CONVERTER
June 1994
logo
Wall Industries,Inc.
FA12S5-300 WALL-FA12S5-300 Datasheet
646Kb / 14P
   300W DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com