Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5250BT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSZ5250BT1
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ5250BT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMSZ5250BT1 Datasheet HTML 1Page - ON Semiconductor MMSZ5250BT1 Datasheet HTML 2Page - ON Semiconductor MMSZ5250BT1 Datasheet HTML 3Page - ON Semiconductor MMSZ5250BT1 Datasheet HTML 4Page - ON Semiconductor MMSZ5250BT1 Datasheet HTML 5Page - ON Semiconductor MMSZ5250BT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSZ5221BT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Zener Voltage (Notes 3 and 4)
Zener Impedance (Note 5)
Leakage Current
Device
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Device
Device
Marking
Min
Nom
Max
mA
W
W
mA
mA
Volts
MMSZ5221BT1, G
C1
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMSZ5222BT1
C2
2.38
2.5
2.63
20
30
1250
0.25
100
1
MMSZ5223BT1, G
C3
2.57
2.7
2.84
20
30
1300
0.25
75
1
MMSZ5224BT1
C4
2.66
2.8
2.94
20
30
1400
0.25
75
1
MMSZ5225BT1
C5
2.85
3.0
3.15
20
29
1600
0.25
50
1
MMSZ5226BT1, G
D1
3.14
3.3
3.47
20
28
1600
0.25
25
1
MMSZ5227BT1, G
D2
3.42
3.6
3.78
20
24
1700
0.25
15
1
MMSZ5228BT1, G
D3
3.71
3.9
4.10
20
23
1900
0.25
10
1
MMSZ5229BT1, G
D4
4.09
4.3
4.52
20
22
2000
0.25
5
1
MMSZ5230BT1, G
D5
4.47
4.7
4.94
20
19
1900
0.25
5
2
MMSZ5231BT1, G
E1
4.85
5.1
5.36
20
17
1600
0.25
5
2
MMSZ5232BT1, G
E2
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMSZ5233BT1, G
E3
5.70
6.0
6.30
20
7
1600
0.25
5
3.5
MMSZ5234BT1, G
E4
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMSZ5235BT1, G
E5
6.46
6.8
7.14
20
5
750
0.25
3
5
MMSZ5236BT1, G
F1
7.13
7.5
7.88
20
6
500
0.25
3
6
MMSZ5237BT1, G
F2
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMSZ5238BT1
F3
8.27
8.7
9.14
20
8
600
0.25
3
6.5
MMSZ5239BT1, G
F4
8.65
9.1
9.56
20
10
600
0.25
3
7
MMSZ5240BT1, G
F5
9.50
10
10.50
20
17
600
0.25
3
8
MMSZ5241BT1
H1
10.45
11
11.55
20
22
600
0.25
2
8.4
MMSZ5242BT1, G
H2
11.40
12
12.60
20
30
600
0.25
1
9.1
MMSZ5243BT1, G
H3
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMSZ5244BT1, G
H4
13.30
14
14.70
9.0
15
600
0.25
0.1
10
MMSZ5245BT1, G
H5
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMSZ5246BT1, G
J1
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMSZ5247BT1, G
J2
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMSZ5248BT1, G
J3
17.10
18
18.90
7.0
21
600
0.25
0.1
14
MMSZ5250BT1, G
J5
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMSZ5251BT1, G
K1
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMSZ5252BT1, G
K2
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMSZ5253BT1
K3
23.75
25
26.25
5.0
35
600
0.25
0.1
19
MMSZ5254BT1, G
K4
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMSZ5255BT1, G
K5
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMSZ5256BT1, G
M1
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMSZ5257BT1, G
M2
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMSZ5258BT1, G
M3
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMSZ5259BT1, G
M4
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MMSZ5260BT1, G
M5
40.85
43
45.15
3.0
93
900
0.25
0.1
33
MMSZ5261BT1, G
N1
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
MMSZ5262BT1
N2
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MMSZ5263BT1
N3
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MMSZ5264BT1
N4
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
MMSZ5265BT1, G
N5
58.90
62
65.10
2.0
185
1400
0.25
0.1
47
MMSZ5266BT1, G
P1
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
MMSZ5267BT1, G
P2
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
MMSZ5268BT1, G
P3
77.90
82
86.10
1.5
330
2000
0.25
0.1
62
MMSZ5269BT1
P4
82.65
87
91.35
1.4
370
2200
0.25
0.1
68
MMSZ5270BT1, G
P5
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
MMSZ5272BT1
R2
104.5
110
115.5
1.1
750
3000
0.25
0.1
84
3. The type numbers shown have a standard tolerance of
±5% on the nominal Zener voltage.
4. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30°C $1°C.
5. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the ac current applied.
The specified limits are for IZ(AC) = 0.1 IZ(dc) with the AC frequency = 1 KHz.


Similar Part No. - MMSZ5250BT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSZ5250BT1 MOTOROLA-MMSZ5250BT1 Datasheet
100Kb / 7P
   Surface Mount Silicon Zener Diodes
logo
ON Semiconductor
MMSZ5250BT1 ONSEMI-MMSZ5250BT1 Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
MMSZ5250BT1G ONSEMI-MMSZ5250BT1G Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
MMSZ5250BT1G ONSEMI-MMSZ5250BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators
February, 2012 ??Rev. 11
MMSZ5250BT1G ONSEMI-MMSZ5250BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
More results

Similar Description - MMSZ5250BT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com