Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SC12010 Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # E48SC12010
Description  Fixed frequency operation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC12010 Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button E48SC12010 Datasheet HTML 4Page - Delta Electronics, Inc. E48SC12010 Datasheet HTML 5Page - Delta Electronics, Inc. E48SC12010 Datasheet HTML 6Page - Delta Electronics, Inc. E48SC12010 Datasheet HTML 7Page - Delta Electronics, Inc. E48SC12010 Datasheet HTML 8Page - Delta Electronics, Inc. E48SC12010 Datasheet HTML 9Page - Delta Electronics, Inc. E48SC12010 Datasheet HTML 10Page - Delta Electronics, Inc. E48SC12010 Datasheet HTML 11Page - Delta Electronics, Inc. E48SC12010 Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DS_E48SC12010_12042015
8
end-
user’s safety agency standard, i.e., UL60950-1,
CSA C22.2 NO. 60950-1 2nd; IEC 60950-1 2nd:2005;
and EN 60950-1 2nd: 2006+A11+A1, if the system in
which the power module is to be used must meet safety
agency requirements.
Basic insulation based on 75 Vdc input is provided
between the input and output of the module for the
purpose of applying insulation requirements when the
input to this DC-to-DC converter is identified as TNV-2
or SELV.
An additional evaluation is needed if the
source is other than TNV-2 or SELV.
When the input source is SELV circuit, the power module
meets SELV (safety extra-low voltage) requirements. If
the input source is a hazardous voltage which is greater
than 60 Vdc and less than or equal to 75 Vdc, for the
module’s output to meet SELV requirements, all of the
following must be met:
The input source must be insulated from the ac
mains by reinforced or double insulation.
The input terminals of the module are not operator
accessible.
A SELV reliability test is conducted on the system
where the module is used, in combination with the
module, to ensure that under a single fault,
hazar
dous voltage does not appear at the module’s
output.
When installed into a Class II equipment (without
grounding), spacing consideration should be given to
the end-use installation, as the spacing between the
module and mounting surface have not been evaluated.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
This power module is not internally fused. To achieve
optimum safety and system protection, an input line fuse
is highly recommended. The safety agencies require a
fuse with 12A maximum rating to be installed in the
ungrounded lead. A lower rated fuse can be used based
on the maximum inrush transient energy and maximum
input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and/or drying may lower the
reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and/or drying is especially important for un-encapsulated
and/or open frame type power modules. For assistance
on appropriate soldering and cleaning procedures,
please
contact Delta’s technical support team.
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules and
affect the stability. A low ac-impedance input source is
recommended. If the source inductance is more than a
few μH, we advise adding a 10 to 100 μF electrolytic
capacitor (
ESR < 0.7 Ω at 100 kHz) mounted close to the
input of the module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
layout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design.
Application notes to
assist designers in addressing these issues are pending
release.
Schematic and components list
Cin is 100uF low ESR Aluminum cap;
Cx is 2.2uF ceramic cap;
CY1,CY2 are 22nF ceramic caps;
L1 is common-mode inductor,L1=1.32mH;
Test result: Vin=48V, Io=10A,
1 MHz
10 MHz
150 kHz
30 MHz
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
80.0
dBμV
Limits
55022MQP
55022MAV
Transducer
LISNPUL
Traces
PK+
AV
Green line is quasi peak mode, blue line is average
mode
.
Safety Considerations
The power module must be installed in compliance
with the spacing and separation requirements of the


Similar Part No. - E48SC12010

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SC12005NMFA DELTA-E48SC12005NMFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SC12005NNFA DELTA-E48SC12005NNFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SC12005NNFA DELTA-E48SC12005NNFA Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA Datasheet
449Kb / 15P
   Industry standard pin out
More results

Similar Description - E48SC12010

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com