Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SC05015 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E48SC05015
Description  Industry standard pin out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC05015 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SC05015 Datasheet HTML 1Page - Delta Electronics, Inc. E48SC05015 Datasheet HTML 2Page - Delta Electronics, Inc. E48SC05015 Datasheet HTML 3Page - Delta Electronics, Inc. E48SC05015 Datasheet HTML 4Page - Delta Electronics, Inc. E48SC05015 Datasheet HTML 5Page - Delta Electronics, Inc. E48SC05015 Datasheet HTML 6Page - Delta Electronics, Inc. E48SC05015 Datasheet HTML 7Page - Delta Electronics, Inc. E48SC05015 Datasheet HTML 8Page - Delta Electronics, Inc. E48SC05015 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
DS_E48SC05015_10302013
FEATURES
High efficiency: 91.0% @ 5.0V/15A
Size: 58.4mmx22.8mmx9.0mm
(2.30”x0.90”x0.35”)
Standard footprint
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OCP, OVP, OTP
1500V isolation
Basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
Recognized, and TUV (EN60950-1)
Certified
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
Positive on/off logic
SMD pin
Delphi Series E48SC05015, 75W Eighth Brick
Family
DC/DC Power Modules: 48V in, 5V/15A out
The Delphi Series E48SC05015 Eighth Brick, 48V input, single
output, isolated DC/DC converter is the latest offering from a world
leader in power systems technology and manufacturing --Delta
Electronics, Inc. This product family provides up to 85 watts in an
industry standard footprint and pinout. With creative design
technology and optimization of component placement, these
converters possess outstanding electrical and thermal performances,
as well as extremely high reliability under highly stressful operating
conditions. All models are fully protected from abnormal input/output
voltage, current, and temperature conditions. The Delphi Series
converters meet all safety requirements with basic insulation.


Similar Part No. - E48SC05015

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC05015NMFA DELTA-E48SC05015NMFA Datasheet
471Kb / 15P
   Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
E48SC05015NNFA DELTA-E48SC05015NNFA Datasheet
471Kb / 15P
   Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
E48SC05015NRFA DELTA-E48SC05015NRFA Datasheet
471Kb / 15P
   Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
E48SC05015PMFA DELTA-E48SC05015PMFA Datasheet
471Kb / 15P
   Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
E48SC05015PNFA DELTA-E48SC05015PNFA Datasheet
471Kb / 15P
   Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
More results

Similar Description - E48SC05015

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
   Industry standard pin out
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
   Industry standard pin out
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com