Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1212P Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1212P
Description  Current Mode PWM Controller for Both Forward and Flyback Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1212P Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1212P Datasheet HTML 1Page - ON Semiconductor NCP1212P Datasheet HTML 2Page - ON Semiconductor NCP1212P Datasheet HTML 3Page - ON Semiconductor NCP1212P Datasheet HTML 4Page - ON Semiconductor NCP1212P Datasheet HTML 5Page - ON Semiconductor NCP1212P Datasheet HTML 6Page - ON Semiconductor NCP1212P Datasheet HTML 7Page - ON Semiconductor NCP1212P Datasheet HTML 8Page - ON Semiconductor NCP1212P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NCP1212
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, DMAX = 48%, for min/max values TJ = −25°C to +105°C,
VCC = 16 V unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR SECTION
Oscillation Frequency, TJ = 25°C (DMAX = 48%, CT = 1.0 nF)
FOSC−48
81
90
99
kHz
Oscillation Frequency, TJ = 25°C (DMAX = 82%, CT = 1.0 nF)
FOSC−82
72
80
88
kHz
Frequency Change against Supply Voltage
(VCC = 13 V to 25 V, TJ = 25°C)
DFOSC−V
0.02
%
Frequency Change against Temperature
(VCC = 16 V, TJ = −25°C to 105°C)
DFOSC−T
5.0
%
CURRENT SENSE SECTION
Maximum Current Sense Input Threshold
VCS
0.96
1.0
1.16
V
Propagation Delay (Current Sense to Gate after LEB Blanking)
TPLH
150
200
ns
Leading Edge Blanking Time
TLEB
300
ns
SOFT−START SECTION
Soft−Start Charge Current
ISS
5.0
8.0
11
mA
Overload Timing Discharge Current (Note 3)
ISD−ISS
15
20
26
mA
48% Duty Cycle Selection Input Voltage Threshold
VD48
2.5
V
82% Duty Cycle Selection Input Voltage Threshold
VD82
3.0
V
GATE DRIVER SECTION
Gate Drive Sink Capability, VCC = 15 V, VDRV = 1.0 V
IOL
100
mA
Gate Drive Source Capability, VCC = 15 V, VDRV = 5.0 V (Note 4)
IOH
300
mA
Gate Drive Voltage (From 1.0 V to 11 V) Rise Time (CL = 1.0 nF, TJ = 25°C)
Tr
25
50
ns
Gate Drive Voltage (From 11 V to 1.0 V) Fall Time (CL = 1.0 nF, TJ = 25°C)
Tf
25
50
ns
IC POWER SUPPLY SECTION
VCC Startup Threshold Voltage
VCCTH
13.5
15
16.5
V
VCC Overvoltage Lockout Threshold
VCCOVLO
22.5
25
27.5
V
VCC Undervoltage Lockout Threshold
VCCUVLO
8.5
10
11.5
V
Power Supply Current, before Startup (VCC = 12 V)
IC1
0.15
0.26
mA
Power Supply Current, Operating
IC2
3.0
5.0
mA
Power Supply Current, Shutdown (VCC = 15 V)
IC3
3.0
mA
BROWNOUT DETECT SECTION (BOK)
Brownout Input Threshold Voltage
VBOK
1.14
1.21
1.27
V
Brownout Hysteresis Current
IBOK
38
45
54
mA
MAXIMUM DUTY CYCLE SECTION
Maximum Duty Cycle at Soft−Start Pin Voltage between 2.1 V and 2.8 V
(2.1 V
v VDMAX v 2.8 V)
DMAX48
47
48
50
%
Maximum Duty Cycle at Soft−Start Pin Voltage Higher than 3.0 V
(VDMAX w 3.0 V)
DMAX82
79
82
88
%
3. ISD is an internal current source not accessible externally.
4. The output voltage is internally clamped by 13.5 V Zener.


Similar Part No. - NCP1212P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1212P ONSEMI-NCP1212P Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212PG ONSEMI-NCP1212PG Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
More results

Similar Description - NCP1212P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com