Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP802SN1T1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP802SN1T1
Description  Highly Integrated Lithium Battery Protection Circuit for One Cell Battery Packs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP802SN1T1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP802SN1T1 Datasheet HTML 3Page - ON Semiconductor NCP802SN1T1 Datasheet HTML 4Page - ON Semiconductor NCP802SN1T1 Datasheet HTML 5Page - ON Semiconductor NCP802SN1T1 Datasheet HTML 6Page - ON Semiconductor NCP802SN1T1 Datasheet HTML 7Page - ON Semiconductor NCP802SN1T1 Datasheet HTML 8Page - ON Semiconductor NCP802SN1T1 Datasheet HTML 9Page - ON Semiconductor NCP802SN1T1 Datasheet HTML 10Page - ON Semiconductor NCP802SN1T1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NCP802
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS
(TA = 25°C, for min/max values TA is the operating junction temperature that applies, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Note 2
VOLTAGE SENSING
Cell Charging Cutoff (Pin 5 to Pin 6)
VDET1
Overvoltage Threshold, VDD Increasing
(R1 = 330
W)
TA = 25°C
SN1/SAN1T1
4.325
4.35
4.375
V
TA = −5°C to 55°C
SN1/SAN1T1
4.32
4.35
4.38
V
A
TA = 25°C
SAN5T1
4.25
4.275
4.30
V
TA = −5°C to 55°C
SAN5T1
4.245
4.275
4.305
V
A
TA = 25°C
SAN6T1
4.255
4.28
4.305
V
TA = −5°C to 55°C
SAN6T1
4.25
4.28
4.31
V
A
Overvoltage Delay Time
(VDD = 3.6 V to 4.4 V)
SN1/SAN1T1/SAN6T1
SAN5T1
tDET1
0.175
0.7
0.250
01.0
0.325
1.3
s
A
Overvoltage Release Time
(VDD = 4.0 V, VP− = 0 V to 1.0 V)
tREL1
11
16
21
ms
B
Cell Discharging Cutoff (Pin 5 to Pin 6)
Undervoltage Threshold, VDD Decreasing
SN1/SAN1T1
SAN5T1/SAN6T1
VDET2
2.34
2.24
2.4
2.3
2.46
2.36
V
C
Undervoltage Time
(VDD = 3.6 V to 2.2 V)
tDET2
14
20
26
ms
C
Undervoltage Release Delay Time
(VDD = 3.0 V, VP− = 3.0 V to 0 V)
tREL2
0.7
1.2
1.7
ms
D
CURRENT SENSING
Excess Discharge Current Threshold, VP− Increasing
SN1T1/SAN1T1/SAN6T1
SAN5T1
VDET3
0.180
0.080
0.200
0.100
0.220
0.120
V
K
Excess Discharge Current Delay Time
(VDD = 3.0 V, VP− = 0 V to 1.0 V)
SN1T1/SAN1T1/SAN6T1
SAN5T1
tDET3
8.0
4.0
12
6.0
16
8.0
ms
K
Excess Discharge Current Release Time
(VDD = 3.0 V, VP− = 3.0 V to 0 V)
tREL3
0.7
1.2
1.7
ms
K
Excess Charge Current Threshold, VP− Decreasing
VDET4
−0.13
−0.1
−0.07
V
E
Excess Charge Current Delay Time
(VDD = 3.0 V, VP− = 0 V to −1.0 V)
SN1T1/SAN1T1/SAN6T1
SAN5T1
tDET4
11
5.0
16
8.0
21
11
ms
E
Excess Charge Current Release Time
(VDD = 3.0 V, VP− = −1.0 V to 0 V)
tREL4
0.7
1.2
1.7
ms
E
Short Protection Voltage
(VDD = 3.0 V)
VSHORT
VDD −1.4
VDD −1.1
VDD −0.8
V
K
Short Protection Delay Time
(VDD = 3.0 V, VP− = 0 V to 3.0 V)
tSHORT
250
400
600
ms
K
Reset Resistance
(VDD = 3.6 V, VP− = 1.0 V)
RSHORT
15
30
45
k
W
K
2. Indicates test circuits shown on pages 16 and 17.


Similar Part No. - NCP802SN1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
NCP803 ONSEMI-NCP803 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803 ONSEMI-NCP803 Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
NCP803 ONSEMI-NCP803 Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803 ONSEMI-NCP803 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
More results

Similar Description - NCP802SN1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33349 ONSEMI-MC33349 Datasheet
204Kb / 12P
   Lithium Battery Protection Circuit for One Cell Battery Packs
May, 2000 ??Rev. 1
MC33348 ONSEMI-MC33348 Datasheet
182Kb / 12P
   LITHIUM BATTERY PROTECTION CIRCUIT FOR ONE CELL SMART BATTERY PACKS
1999 REV 2
logo
Motorola, Inc
MC33346 MOTOROLA-MC33346 Datasheet
108Kb / 3P
   LITHIUM BATTERY PROTECTION CIRCUIT PROTECTION CIRCUIT THREE OR FOUR CELL SMART BATTERY PACKS
logo
E-CMOS Corporation
EC9526A E-CMOS-EC9526A Datasheet
842Kb / 10P
   One-cell Lithium Battery Protection IC
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9529A E-CMOS-EC9529A Datasheet
826Kb / 10P
   Lithium Battery Protection Integrated Circuit
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
AiT Semiconductor Inc.
A4004 AITSEMI-A4004 Datasheet
868Kb / 11P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.1
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com