Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36SC12009NRFH Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # E36SC12009NRFH
Description  Industry standard footprint and pinout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SC12009NRFH Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button E36SC12009NRFH Datasheet HTML 3Page - Delta Electronics, Inc. E36SC12009NRFH Datasheet HTML 4Page - Delta Electronics, Inc. E36SC12009NRFH Datasheet HTML 5Page - Delta Electronics, Inc. E36SC12009NRFH Datasheet HTML 6Page - Delta Electronics, Inc. E36SC12009NRFH Datasheet HTML 7Page - Delta Electronics, Inc. E36SC12009NRFH Datasheet HTML 8Page - Delta Electronics, Inc. E36SC12009NRFH Datasheet HTML 9Page - Delta Electronics, Inc. E36SC12009NRFH Datasheet HTML 10Page - Delta Electronics, Inc. E36SC12009NRFH Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
E36SC12009_05152014
7
FEATURES DESCRIPTIONS
Over-Current Protection
The module include an internal output over-current
protection circuit, which will endure current limiting for an
unlimited duration during output overload. If the output
current exceeds the OCP set point, the module will
automatically shut down, and enter hiccup mode.
For hiccup mode, the module will try to restart after
shutdown. If the over current condition still exists, the
module will shut down again. This restart trial will continue
until the over-current condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the output
terminals. If this voltage exceeds the over-voltage set point,
the module will shut down, and enter in hiccup mode.
For hiccup mode, the module will try to restart after
shutdown. If the over voltage condition still exists, the
module will shut down again. This restart trial will continue
until the over-voltage condition is corrected.
Over-Temperature Protection
The over-temperature protection consists of circuitry that
provides
protection
from
thermal
damage.
If
the
temperature exceeds the over-temperature threshold the
module will shut down, and enter in auto-restart mode.
For auto-restart mode, the module will detect temperature
after shutdown. If the over temperature condition still exists,
the module will remain shutdown. This restart trial will
continue until the over-temperature condition is corrected.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi(-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin floating.
Vo(+)
Sense(+)
Vo(-)
trim
Vi(+)
Vi(-)
ON/OFF
Rload
Sense(-)
Figure 14: Remote on/off implementation
Remote Sense
Remote sense compensates for voltage drops on the
output by sensing the actual output voltage at the point
of load. The voltage between the remote sense pins
and the output terminals must not exceed the output
voltage sense range given here:
[Vo(+)
– Vo(–)] – [SENSE(+) – SENSE(–)] ≤ 10% × Vout
This limit includes any increase in voltage due to
remote sense compensation and output voltage set
point adjustment (trim).
Vo(+)
Sense(+)
Vo(-)
trim
Vi(+)
Vi(-)
ON/OFF
Rload
Sense(-)
Conduct resistance
Figure 15: Effective circuit configuration for remote sense
operation


Similar Part No. - E36SC12009NRFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC12009NRFH DELTA-E36SC12009NRFH Datasheet
579Kb / 16P
   Delphi Series E36SC120, Eighth Brick 108W DC/DC Power Modules: 18V~75Vin, 12V, 9Aout
E36SC12009NRFH DELTA-E36SC12009NRFH Datasheet
881Kb / 16P
   Output OCP hiccup mode
More results

Similar Description - E36SC12009NRFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SH1R050NNFA DELTA-V48SH1R050NNFA Datasheet
984Kb / 16P
   Industry standard footprint and pinout
V48SC12007 DELTA-V48SC12007 Datasheet
1Mb / 17P
   Industry standard footprint and pinout
E36SC3R3 DELTA-E36SC3R3 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
logo
Bel Fuse Inc.
YM12S05 BEL-YM12S05 Datasheet
704Kb / 19P
   Industry-standard footprint and pinout
logo
Delta Electronics, Inc.
V48SH3R325 DELTA-V48SH3R325 Datasheet
756Kb / 13P
   Industry standard footprint and pinout
V48SH05017 DELTA-V48SH05017 Datasheet
798Kb / 14P
   Industry standard footprint and pinout
logo
Bel Fuse Inc.
YM05S05 BEL-YM05S05 Datasheet
728Kb / 19P
   Industry-standard footprint and pinout
logo
Delta Electronics, Inc.
V48SR05013 DELTA-V48SR05013 Datasheet
957Kb / 14P
   Industry standard footprint and pinout
logo
Bel Fuse Inc.
YNS05S16 BEL-YNS05S16 Datasheet
704Kb / 20P
   Industry-standard footprint and pinout
YNV05T06 BEL-YNV05T06 Datasheet
740Kb / 19P
   Industry-standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com