Electronic Components Datasheet Search |
|
E36SC3R3 Datasheet(PDF) 8 Page - Delta Electronics, Inc. |
|
E36SC3R3 Datasheet(HTML) 8 Page - Delta Electronics, Inc. |
8 / 15 page DS_E36SC3R335_03282013 8 FEATURES DESCRIPTIONS (CON.) If the remote sense feature is not used to regulate the output at the point of load, please connect SENSE(+) to Vo(+) and SENSE(–) to Vo(–) at the module. The output voltage can be increased by both the remote sense and the trim; however, the maximum increase is the larger of either the remote sense or the trim, not the sum of both. When using remote sense and trim, the output voltage of the module is usually increased, which increases the power output of the module with the same output current. Care should be taken to ensure that the maximum output power does not exceed the maximum rated power. Output Voltage Adjustment (TRIM) To increase or decrease the output voltage set point, connect an external resistor between the TRIM pin and either the SENSE(+) or SENSE(-). The TRIM pin should be left open if this feature is not used. Figure 16: Circuit configuration for trim-down (decrease output voltage) If the external resistor is connected between the TRIM and SENSE (-) pins, the output voltage set point decreases (Fig. 18). The external resistor value required to obtain a percentage of output voltage change △% is defined as: () Ω − ∆ = − K down Rtrim 2 . 10 511 Ex. When Trim-down -10% (3.3V×0.9=2.97V) () () Ω = Ω − = − K K down Rtrim 9 . 40 2 . 10 10 511 Figure 17: Circuit configuration for trim-up (increase output voltage) If the external resistor is connected between the TRIM and SENSE (+) the output voltage set point increases (Fig. 19). The external resistor value required to obtain a percentage output voltage change △% is defined as: () Ω − ∆ − ∆ ∆ + = − K up Rtrim 2 . 10 511 1.225 ) (100 Vo 11 . 5 Ex. When Trim-up +10% (3.3V×1.1=3.63V) () Ω = − − × + × × = − K up Rtrim 12 . 90 2 . 10 10 511 10 225 . 1 ) 10 100 ( 3 . 3 11 . 5 The output voltage can be increased by both the remote sense and the trim, however the maximum increase is the larger of either the remote sense or the trim, not the sum of both. When using remote sense and trim, the output voltage of the module is usually increased, which increases the power output of the module with the same output current. Care should be taken to ensure that the maximum output power of the module remains at or below the maximum rated power. |
Similar Part No. - E36SC3R3 |
|
Similar Description - E36SC3R3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |